Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5281IPFPR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5281IPFPR
Description  12-Bit Octal-Channel ADC Family Up to 65MSPS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5281IPFPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS5281IPFPR Datasheet HTML 18Page - Texas Instruments ADS5281IPFPR Datasheet HTML 19Page - Texas Instruments ADS5281IPFPR Datasheet HTML 20Page - Texas Instruments ADS5281IPFPR Datasheet HTML 21Page - Texas Instruments ADS5281IPFPR Datasheet HTML 22Page - Texas Instruments ADS5281IPFPR Datasheet HTML 23Page - Texas Instruments ADS5281IPFPR Datasheet HTML 24Page - Texas Instruments ADS5281IPFPR Datasheet HTML 25Page - Texas Instruments ADS5281IPFPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
www.ti.com
CLOCK, REFERENCE, AND DATA OUTPUT MODES
INPUT CLOCK
EXTERNAL REFERENCE
VREF =1.5V+
T
V
CM
1.5V
(1)
VREF =1.5V
-
B
V
CM
1.5V
(2)
ADS5281
ADS5282
SBAS397H – DECEMBER 2006 – REVISED MARCH 2008
ADDRESS
IN HEX
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
1
X
DIFF_CLK
1
X
EN_DCC
42
1
X
EXT_REF_VCM
1
X
X
PHASE_DDR<1:0>
1
1
X
BTC_MODE
1
1
X
MSB_FIRST
46
1
1
X
EN_SDR
1
X
1
1
FALL_SDR
The ADS528x is configured by default to operate with a single-ended input clock—CLKP is driven by a CMOS
clock and CLKN is tied to '0'. However, by programming DIFF_CLK to '1', the device can be made to work with a
differential input clock on CLKP and CLKN. Operating with a low-jitter differential clock usually gives better SNR
performance, especially at input frequencies greater than 30MHz.
In cases where the duty cycle of the input clock falls outside the 45% to 55% range, it is recommended to enable
an internal duty cycle correction circuit. This enabling is done by setting the EN_DCC bit to '1'.
The ADS528x can be made to operate in external reference mode by pulling the INT/EXT pin to '0'. In this mode,
the REFT and REFB pins should be driven with voltage levels of 2.5V and 0.5V, respectively, and must have
enough drive strength to drive the switched capacitance loading of the reference voltages by each ADC. The
advantage of using the external reference mode is that multiple ADS528x units can be made to operate with the
same external reference, thereby improving parameters such as gain matching across devices. However, in
applications that do not have an available high drive, differential external reference, the ADS528x can still be
driven with a single external reference voltage on the VCM pin. When EXT_REF_VCM is set as '1' (and the
INT/EXT pin is set to '0'), the VCM pin is configured as an input pin, and the voltages on REFT and REFB are
generated as shown in Equation 1 and Equation 2.
22
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5281 ADS5282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com