Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5281IPFPR Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5281IPFPR
Description  12-Bit Octal-Channel ADC Family Up to 65MSPS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5281IPFPR Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS5281IPFPR Datasheet HTML 24Page - Texas Instruments ADS5281IPFPR Datasheet HTML 25Page - Texas Instruments ADS5281IPFPR Datasheet HTML 26Page - Texas Instruments ADS5281IPFPR Datasheet HTML 27Page - Texas Instruments ADS5281IPFPR Datasheet HTML 28Page - Texas Instruments ADS5281IPFPR Datasheet HTML 29Page - Texas Instruments ADS5281IPFPR Datasheet HTML 30Page - Texas Instruments ADS5281IPFPR Datasheet HTML 31Page - Texas Instruments ADS5281IPFPR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
www.ti.com
95
90
85
80
75
70
65
60
ClockDutyCycle(%)
35
65
50
45
40
55
SNR(dBFS)
SFDR(dBc)
f =65MHz
f
=10MHz
S
IN
60
95
85
80
75
70
60
ClockDutyCycle(%)
20
80
50
40
30
60
SNR(dBFS)
SFDR(dBc)
f =65MHz
f
=10MHz
S
IN
90
70
65
60
50
40
30
20
10
0
CodeBin(LSB)
2049
2053
2051
2054
f =65MSPS
S
2050
2052
0%
0%
0.37%
0.28%
51.92%
47.43%
10
-
10
-
30
-
50
-
70
-
90
-
110
-
130
-
150
InputFrequency(MHz)
0
2
20
18
16
14
12
10
8
6
4
f =65MHz
f =10MHz( 7dBFS)
f =16.1MHz( 7dBFS)
IMD= 97dBFS
-
-
-
S
1
2
0.5
0.4
0.3
0.2
0.1
0
-
0.1
-
0.2
-
0.5
Code(LSB)
0
4096
3072
2048
2560
1536
3584
1024
512
-
0.4
-
0.3
f =50MSPS
f
=5MHz
S
IN
0.35
0.25
0.15
0.05
-
0.05
-
0.15
-
0.35
Code(LSB)
0
4096
3072
2048
2560
1536
3584
1024
512
-
0.25
f =50MSPS
f
=5MHz
S
IN
ADS5281
ADS5282
SBAS397H – DECEMBER 2006 – REVISED MARCH 2008
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, AVDD = +3.3V, LVDD = 1.8V, clock frequency = 65MSPS, differential clock mode, 1VPP clock amplitude, 50%
clock duty cycle, input frequency = 10MHz, –1dBFS differential analog input, 0dB digital gain setting, 1.5V analog input
common-mode, low-frequency noise suppression = off, internal reference mode, ISET resistor = 56.2kΩ, and LVDS buffer
current setting = 3.5mA, unless otherwise noted.
DYNAMIC PERFORMANCE vs CLOCK DUTY CYCLE, DCC
DYNAMIC PERFORMANCE vs CLOCK DUTY CYCLE, DCC
DISABLED
ENABLED
Figure 22.
Figure 23.
HISTOGRAM OF OUTPUT CODE FOR ZERO INPUT
INTERMODULATION DISTORTION
Figure 24.
Figure 25.
INTEGRAL NONLINEARITY
DIFFERENTIAL NONLINEARITY
Figure 26.
Figure 27.
28
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5281 ADS5282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com