Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5281IPFPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5281IPFPR
Description  12-Bit Octal-Channel ADC Family Up to 65MSPS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5281IPFPR Datasheet(HTML) 3 Page - Texas Instruments

  ADS5281IPFPR Datasheet HTML 1Page - Texas Instruments ADS5281IPFPR Datasheet HTML 2Page - Texas Instruments ADS5281IPFPR Datasheet HTML 3Page - Texas Instruments ADS5281IPFPR Datasheet HTML 4Page - Texas Instruments ADS5281IPFPR Datasheet HTML 5Page - Texas Instruments ADS5281IPFPR Datasheet HTML 6Page - Texas Instruments ADS5281IPFPR Datasheet HTML 7Page - Texas Instruments ADS5281IPFPR Datasheet HTML 8Page - Texas Instruments ADS5281IPFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
(1)
INITIALIZATION REGISTERS
ADS5281
ADS5282
SBAS397H – DECEMBER 2006 – REVISED MARCH 2008
ADS528x
PARAMETER
MIN
TYP
MAX
UNIT
SUPPLIES, ANALOG INPUTS, AND REFERENCE VOLTAGES
AVDD
Analog supply voltage
3.0
3.3
3.6
V
LVDD
Digital supply voltage
1.7
1.8
1.9
V
Differential input voltage range
2
VPP
Input common-mode voltage
VCM ± 0.05
V
REFT
External reference mode
2.5
V
REFB
External reference mode
0.5
V
CLOCK INPUTS
ADCLK input sample rate 1/ tC
10
50, 65
MSPS
Input clock amplitude differential (VCLKP–VCLKN) peak-to-peak
Sine wave, ac-coupled
3.0
VPP
LVPECL, ac-coupled
1.6
VPP
LVDS, ac-coupled
0.7
VPP
Input clock CMOS, single-ended (VCLKP)
VIL
0.6
V
VIH
2.2
V
Input clock duty cycle
50
%
DIGITAL OUTPUTS
ADCLKP and ADCLKN outputs (LVDS)
10
1x (sample rate)
50, 65
MHz
LCLKP and LCLKN outputs (LVDS)
60
6x (sample rate)
300, 390
MHz
CLOAD
Maximum external capacitance from each pin to LVSS
5
pF
RLOAD
Differential load resistance between the LVDS output pairs
100
Ω
TA
Operating free-air temperature
–40
+85
°C
(1)
All conditions are common to the ADS528x family.
After the device has been powered up, the following registers must be written to (in the exact order listed below) through the
serial interface as part of an initialization sequence.
(1)
ADDRESS (hex)
DATA (hex)
Initialization Register 1(1)
03
0002
Initialization Register 2(1)
01
0010
Initialization Register 3(1)
C7
8001
Initialization Register 4(1)
DE
01C0
(1)
It is no longer necessary to write these initialization registers. However, customers who have already included them in their software can
continue to use them. Programming these registers does not affect device performance.
If the analog input is ac-coupled, the following registers must be written to in the order listed below.
ADDRESS (hex)
DATA (hex)
Initialization Register 1
01
0010
Initialization Register 5
E2
00C0
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS5281 ADS5282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com