Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5281IPFPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5281IPFPR
Description  12-Bit Octal-Channel ADC Family Up to 65MSPS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5281IPFPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS5281IPFPR Datasheet HTML 6Page - Texas Instruments ADS5281IPFPR Datasheet HTML 7Page - Texas Instruments ADS5281IPFPR Datasheet HTML 8Page - Texas Instruments ADS5281IPFPR Datasheet HTML 9Page - Texas Instruments ADS5281IPFPR Datasheet HTML 10Page - Texas Instruments ADS5281IPFPR Datasheet HTML 11Page - Texas Instruments ADS5281IPFPR Datasheet HTML 12Page - Texas Instruments ADS5281IPFPR Datasheet HTML 13Page - Texas Instruments ADS5281IPFPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
www.ti.com
ADS5281
ADS5282
SBAS397H – DECEMBER 2006 – REVISED MARCH 2008
Table 2. PIN DESCRIPTIONS: QFN-64 (continued)
PIN NAME
DESCRIPTION
PIN NUMBER
# OF PINS
IN5P
Positive differential input signal, channel 5
38
1
IN6N
Negative differential input signal, channel 6
42
1
IN6P
Positive differential input signal, channel 6
41
1
IN7N
Negative differential input signal, channel 7
45
1
IN7P
Positive differential input signal, channel 7
44
1
IN8N
Negative differential input signal, channel 8
48
1
IN8P
Positive differential input signal, channel 8
47
1
INT/EXT
Internal/external reference mode select input
56
1
ISET
Bias pin—56.2k
Ω to ground
51
1
LCLKN
LVDS bit clock (6X)—negative output
26
1
LCLKP
LVDS bit clock (6X)—positive output
25
1
LVDD
Digital and I/O power supply, 1.8V
35
1
LVSS
Digital ground
12, 14, 36
3
OUT1N
LVDS channel 1—negative output
16
1
OUT1P
LVDS channel 1—positive output
15
1
OUT2N
LVDS channel 2—negative output
18
1
OUT2P
LVDS channel 2—positive output
17
1
OUT3N
LVDS channel 3—negative output
20
1
OUT3P
LVDS channel 3—positive output
19
1
OUT4N
LVDS channel 4—negative output
22
1
OUT4P
LVDS channel 4—positive output
21
1
OUT5N
LVDS channel 5—negative output
28
1
OUT5P
LVDS channel 5—positive output
27
1
OUT6N
LVDS channel 6—negative output
30
1
OUT6P
LVDS channel 6—positive output
29
1
OUT7N
LVDS channel 7—negative output
32
1
OUT7P
LVDS channel 7—positive output
31
1
OUT8N
LVDS channel 8—negative output
34
1
OUT8P
LVDS channel 8—positive output
33
1
PD
Power-down input
13
1
REFB
Negative reference input/output
54
1
REFT
Positive reference input/output
55
1
RESET
Active low RESET input
64
1
SCLK
Serial clock input
63
1
SDATA
Serial data input
62
1
TP
Test pin, do not use
52
1
VCM
Common-mode output pin, 1.5V output
53
1
10
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5281 ADS5282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com