Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2453 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2453
Description  Ultra-Tiny, Differential, 16-Bit ?誇 ADC With I2C Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2453 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2453_1 Datasheet HTML 4Page - Linear Technology LTC2453_1 Datasheet HTML 5Page - Linear Technology LTC2453_1 Datasheet HTML 6Page - Linear Technology LTC2453_1 Datasheet HTML 7Page - Linear Technology LTC2453_1 Datasheet HTML 8Page - Linear Technology LTC2453_1 Datasheet HTML 9Page - Linear Technology LTC2453_1 Datasheet HTML 10Page - Linear Technology LTC2453_1 Datasheet HTML 11Page - Linear Technology LTC2453_1 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LTC2453
8
2453fb
Reference Voltage Range
This converter accepts a truly differential external reference
voltage. The absolute/common mode voltage range for
REF+ and REFpins covers the entire operating range of
the device (GND to VCC). For correct converter operation,
VREF+ must be >(2.5V + VREF–).
The LTC2453 differential reference input range is 2.5V to
VCC. For the simplest operation, REF+ can be shorted to
VCC and REFcan be shorted to GND.
Input Voltage Range
For most applications, VREF– ≤ (VIN+, VIN–) ≤ VREF+. Under
these conditions the output code is given (see Data Format
section) as 32768 • (VIN+ – VIN–)/(VREF+ – VREF–) + 32768.
The output of the LTC2453 is clamped at a minimum value
of 0 and clamped at a maximum value of 65535.
The LTC2453 includes a proprietary system that can,
typically, correctly digitize each input 8LSB above
VREF+ and below VREF–, if the LTC2453’s output is not
clamped. As an example (Figure 2), if the user desires to
measure a signal slightly below ground, the user could
set VIN– = VREF– = GND, and VREF+ = 5V. If VIN+ = GND,
the output code would be approximately 32768. If VIN+
= GND – 8LSB = –1.22 mV, the output code would be
approximately 32760.
I2C INTERFACE
The LTC2453 communicates through an I2C interface. The
I2C interface is a 2-wire open-drain interface supporting
multiple devices and masters on a single bus. The
connected devices can only pull the data line (SDA) LOW
and never drive it HIGH. SDA must be externally connected
to the supply through a pull-up resistor. When the data line
is free, it is HIGH. Data on the I2C bus can be transferred
at rates up to 100kbits/s in the Standard-Mode and up to
400kbits/s in the Fast-Mode. The VCC power should not
be removed from the device when the I2C bus is active to
avoid loading the I2C bus lines through the internal ESD
protection diodes.
Each device on the I2C bus is recognized by a unique
address stored in that device and can operate either as
a transmitter or receiver, depending on the function of
the device. In addition to transmitters and receivers,
devices can also be considered as masters or slaves when
performing data transfers. A master is the device which
initiates a data transfer on the bus and generates the
clock signals to permit that transfer. Devices addressed
by the master are considered a slave. The address of the
LTC2453 is 0010100.
The LTC2453 can only be addressed as a slave. It can only
transmit the last conversion result. The serial clock line,
SCL, is always an input to the LTC2453 and the serial data
line SDA is bidirectional. Figure 3 shows the definition of
the I2C timing.
The START and STOP Conditions
A START (S) condition is generated by transitioning SDA
from HIGH to LOW while SCL is HIGH. The bus is considered
to be busy after the START condition. When the data
transfer is finished, a STOP (P) condition is generated by
transitioning SDA from LOW to HIGH while SCL is HIGH.
The bus is free after a STOP is generated. START and STOP
conditions are always generated by the master.
When the bus is in use, it stays busy if a repeated START
(Sr) is generated instead of a STOP condition. The repeated
START timing is functionally identical to the START and
is used for reading from the device before the initiation
of a new conversion.
VIN
+/VREF+
–0.001
32772
32780
32788
0.001
2453 F02
32764
32756
32768
32776
32784
32760
32752
32748
–0.005
0
0.005
0.0015
SIGNALS
BELOW
GND
Figure 2. Output Code vs VIN+ with VIN– = 0 and VREF– = 0
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com