Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2453 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2453
Description  Ultra-Tiny, Differential, 16-Bit ?誇 ADC With I2C Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2453 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2453_1 Datasheet HTML 5Page - Linear Technology LTC2453_1 Datasheet HTML 6Page - Linear Technology LTC2453_1 Datasheet HTML 7Page - Linear Technology LTC2453_1 Datasheet HTML 8Page - Linear Technology LTC2453_1 Datasheet HTML 9Page - Linear Technology LTC2453_1 Datasheet HTML 10Page - Linear Technology LTC2453_1 Datasheet HTML 11Page - Linear Technology LTC2453_1 Datasheet HTML 12Page - Linear Technology LTC2453_1 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LTC2453
9
2453fb
Data Transferring
After the START condition, the I2C bus is busy and data
transfer can begin between the master and the addressed
slave. Data is transferred over the bus in groups of nine
bits, one byte followed by one acknowledge (ACK) bit. The
master releases the SDA line during the ninth SCL clock
cycle. The slave device can issue an ACK by pulling SDA
LOW or issue a Not Acknowledge (NAK) by leaving the
SDA line HIGH impedance (the external pull-up resistor
will hold the line HIGH). Change of data only occurs while
the clock line (SCL) is LOW.
Data Format
After a START condition, the master sends a 7-bit address
followed by a read request (R) bit. The bit R is 1 for a
Read Request. If the 7-bit address matches the LTC2453’s
address (hard-wired at 0010100) the ADC is selected. When
the device is addressed during the conversion state, it does
not accept the request and issues a NAK by leaving the
SDA line HIGH. If the conversion is complete, the LTC2453
issues an ACK by pulling the SDA line LOW.
Following the ACK, the LTC2453 can output data. The data
output stream is 16 bits long and is shifted out on the
falling edges of SCL (see Figure 4). The first bit output by
the LTC2453, the MSB, is the sign, which is 1 for VIN+
VIN– and 0 for VIN+ < VIN– (see Table 1). The MSB (D15) is
followed by successively less significant bits (D14, D13…)
until the LSB is output by the LTC2453. This sequence is
shown in Figure 5.
OPERATION SEQUENCE
Continuous Read
Conversions from the LTC2453 can be continuously
read, see Figure 6. At the end of a read operation, a new
conversion automatically begins. At the conclusion of
the conversion cycle, the next result may be read using
the method described above. If the conversion cycle is
not complete and a valid address selects the device, the
LTC2453 generates a NAK signal indicating the conversion
cycle is in progress.
Discarding a Conversion Result and Initiating a New
Conversion
It is possible to start a new conversion without reading
the old result, as shown in Figure 7. Following a valid 7-bit
address, a read request (R) bit, and a valid ACK, a STOP
command will start a new conversion.
PRESERVING THE CONVERTER ACCURACY
The LTC2453 is designed to dramatically reduce the
conversion result’s sensitivity to device decoupling,
PCB layout, antialiasing circuits, line and frequency
perturbations. Nevertheless, in order to preserve the high
accuracy capability of this part, some simple precautions
are desirable.
Digital Signal Levels
Due to the nature of CMOS logic, it is advisable to keep
input digital signals near GND or VCC. Voltages in the range
of 0.5V to VCC – 0.5V may result in additional current
leakage from the part.
SDA
SCL
SSr
P
S
tHD(STA)
tHD(DAT)
tSU(STA)
tSU(STO)
tSU(DAT)
tLOW
tHD(SDA)
tSP
tBUF
tr
tf
tr
tf
tHIGH
2453 F03
Figure 3. Definition of Timing for Fast/Standard Mode Devices on the I2C Bus
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com