Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2453 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2453
Description  Ultra-Tiny, Differential, 16-Bit ?誇 ADC With I2C Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2453 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2453_1 Datasheet HTML 7Page - Linear Technology LTC2453_1 Datasheet HTML 8Page - Linear Technology LTC2453_1 Datasheet HTML 9Page - Linear Technology LTC2453_1 Datasheet HTML 10Page - Linear Technology LTC2453_1 Datasheet HTML 11Page - Linear Technology LTC2453_1 Datasheet HTML 12Page - Linear Technology LTC2453_1 Datasheet HTML 13Page - Linear Technology LTC2453_1 Datasheet HTML 14Page - Linear Technology LTC2453_1 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LTC2453
11
2453fb
Driving VCC and GND
In relation to the VCC and GND pins, the LTC2453 combines
internal high frequency decoupling with damping elements,
which reduce the ADC performance sensitivity to PCB
layout and external components. Nevertheless, the very
high accuracy of this converter is best preserved by careful
low and high frequency power supply decoupling.
A 0.1μF, high quality, ceramic capacitor in parallel with a
10μF ceramic capacitor should be connected between the
VCC and GND pins, as close as possible to the package.
The 0.1μF capacitor should be placed closest to the ADC
package. It is also desirable to avoid any via in the circuit
path, starting from the converter VCC pin, passing through
these two decoupling capacitors, and returning to the
converter GND pin. The area encompassed by this circuit
path, as well as the path length, should be minimized.
Very low impedance ground and power planes, and star
connections at both VCC and GND pins, are preferable.
The VCC pin should have three distinct connections: the
RSW
15k
(TYP)
ILEAK
ILEAK
VCC
VCC
VCC
VCC
CEQ
0.35pF
(TYP)
IN+
IN–
REF
REF+
2453 F08
RSW
15k
(TYP)
ILEAK
ILEAK
RSW
15k
(TYP)
ILEAK
ILEAK
RSW
15k
(TYP)
ILEAK
ILEAK
Figure 8. LTC2453 Analog Input/Reference Equivalent Circuit
ILEAK
ILEAK
RSW
15k
(TYP)
ICONV
CIN
IN+
VCC
SIG+
SIG
RS
CEQ
0.35pF
(TYP)
CPAR
+
2453 F09
ILEAK
ILEAK
RSW
15k
(TYP)
ICONV
CIN
IN
VCC
RS
CEQ
0.35pF
(TYP)
CPAR
+
Figure 9. LTC2453 Input Drive Equivalent Circuit
first to the decoupling capacitors described above, the
second to the ground return for the input signal source,
and the third to the ground return for the power supply
voltage source.
Driving REF+ and REF
A simplified equivalent circuit for REF+ and REFis shown
in Figure 8. Like all other A/D converters, the LTC2453 is
only as accurate as the reference it is using. Therefore, it
is important to keep the reference line quiet by careful low
and high frequency power supply decoupling.
The LT6660 reference is an ideal match for driving the
LTC2453’s REF+ pin. The LTC6660 is available in a 2mm
×
2mm DFN package with 2.5V, 3V, 3.3V and 5V options.
A 0.1μF, high quality, ceramic capacitor in parallel with
a 10μF ceramic capacitor should be connected between
the REF+/REFand GND pins, as close as possible to the
package. The 0.1μF capacitor should be placed closest
to the ADC.
Driving VIN+ and VIN–
The input drive requirements can best be analyzed using
the equivalent circuit of Figure 9. The input signal VSIG is
connected to the ADC input pins (IN+ and IN) through
an equivalent source resistance RS. This resistor includes
both the actual generator source resistance and any
additional optional resistors connected to the input pins.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com