Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2453 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2453
Description  Ultra-Tiny, Differential, 16-Bit ?誇 ADC With I2C Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2453 Datasheet(HTML) 1 Page - Linear Technology

  LTC2453_1 Datasheet HTML 1Page - Linear Technology LTC2453_1 Datasheet HTML 2Page - Linear Technology LTC2453_1 Datasheet HTML 3Page - Linear Technology LTC2453_1 Datasheet HTML 4Page - Linear Technology LTC2453_1 Datasheet HTML 5Page - Linear Technology LTC2453_1 Datasheet HTML 6Page - Linear Technology LTC2453_1 Datasheet HTML 7Page - Linear Technology LTC2453_1 Datasheet HTML 8Page - Linear Technology LTC2453_1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LTC2453
1
2453fb
DIFFERENTIAL INPUT VOLTAGE (V)
–3
–0.5
0
0.5
0
2
2453 TA01b
–1.0
–1.5
–2.0
–2
–1
1
1.0
1.5
2.0
3
VCC = 3V
VREF
+ = 3V
VREF
– = 0V
TA = –45°C, 25°C, 90°C
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Ultra-Tiny, Differential,
16-Bit
ΔΣ ADC With
I2C Interface
The LTC®2453 is an ultra-tiny, fully differential, 16-bit,
analog-to-digital converter. The LTC2453 uses a single
2.7V to 5.5V supply and communicates through an I2C
interface. The ADC is available in an 8-pin, 3mm
×2mmDFN
package or 8-pin, 3mm
× 3mm TSOT package. It includes
an integrated oscillator that does not require any external
components.Itusesadelta-sigmamodulatorasaconverter
core and has no latency for multiplexed applications. The
LTC2453 includes a proprietary input sampling scheme
that reduces the average input sampling current several
orders of magnitude lower than conventional delta-sigma
converters. Additionally, due to its architecture, there is
negligible current leakage between the input pins.
The LTC2453 can sample at 60 conversions per second,
and due to the very large oversampling ratio, has ex-tremely
relaxed antialiasing requirements. The LTC2453 includes
continuous internal offset and full-scale calibration algo-
rithms which are transparent to the user, ensuring accuracy
over time and over the operating temperature range. The
converterhasexternalREF+andREF–pinsandthedifferential
input voltage range can extend up to ±(VREF+ – VREF–).
Followingasingleconversion,theLTC2453canauto-matically
enter a sleep mode and reduce its power to less than 0.2μA. If
theuserreadstheADConceasecond,theLTC2453consumes
an average of less than 50μW from a 2.7V supply.
■
±VCC Differential Input Range
■
16-Bit Resolution (Including Sign), No Missing Codes
■
2LSB Offset Error
■
4LSB Full-Scale Error
■
60 Conversions Per Second
■
Single Conversion Settling Time for Multiplexed
Applications
■
Single-Cycle Operation with Auto Shutdown
■
800μA Supply Current
■
0.2μA Sleep Current
■
Internal Oscillator—No External Components Required
■
2-Wire I2C Interface
■
Ultra-Tiny 8-Pin 3mm
× 2mm DFN
and TSOT23 Packages
APPLICATIONS
■
System Monitoring
■
Environmental Monitoring
■
Direct Temperature Measurements
■
Instrumentation
■
Industrial Process Control
■
Data Acquisition
■
Embedded ADC Upgrades
10k
10k
10k
R
SCL
2-WIRE I2C
INTERFACE
SDA
0.1μF
0.1μF
10μF
2.7V TO 5.5V
0.1μF
IN+
REF+
VCC
REF–
GND
IN–
LTC2453
2453 TA01
Integral Nonlinearity, VCC = 3V
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. No Latency
ΔΣ is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners. Protected by U.S. Patents
including 6208279, 6411242, 7088280, 7164378.


Similar Part No. - LTC2453_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2453 LINER-LTC2453_15 Datasheet
290Kb / 18P
Ultra-Tiny, Differential
More results

Similar Description - LTC2453_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2495 LINER-LTC2495 Datasheet
565Kb / 32P
16-Bit 8-/16-Channel ?誇 ADC with PGA, Easy Drive and I2C Interface
LTC2453 LINER-LTC2453 Datasheet
290Kb / 16P
Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC2451 LINER-LTC2451 Datasheet
223Kb / 16P
Ultra-Tiny, 16-Bit ?誇 ADC with I2C Interface
LTC2452 LINER-LTC2452 Datasheet
294Kb / 20P
Ultra-Tiny, Differential, 16-Bit ?誇 ADC with SPI Interface
LTC2481 LINER-LTC2481 Datasheet
604Kb / 40P
16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2451 LINER-LTC2451_1 Datasheet
251Kb / 18P
Ultra-Tiny, 16-Bit DS ADC with I2C Interface
LTC2481 LINER-LTC2481_1 Datasheet
428Kb / 40P
16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2452 LINER-LTC2452_11 Datasheet
507Kb / 22P
Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LTC2451 LINER-LTC2451_15 Datasheet
1Mb / 20P
Ultra-Tiny, 16-Bit ADC with I2C Interface
LTC2452 LINER-LTC2452_15 Datasheet
484Kb / 22P
Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com