Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2453 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2453
Description  Ultra-Tiny, Differential, 16-Bit ?誇 ADC With I2C Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2453 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2453_1 Datasheet HTML 8Page - Linear Technology LTC2453_1 Datasheet HTML 9Page - Linear Technology LTC2453_1 Datasheet HTML 10Page - Linear Technology LTC2453_1 Datasheet HTML 11Page - Linear Technology LTC2453_1 Datasheet HTML 12Page - Linear Technology LTC2453_1 Datasheet HTML 13Page - Linear Technology LTC2453_1 Datasheet HTML 14Page - Linear Technology LTC2453_1 Datasheet HTML 15Page - Linear Technology LTC2453_1 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
LTC2453
12
2453fb
Optional input capacitors CIN are also connected to the
ADC input pins. This capacitor is placed in parallel with
the ADC input parasitic capacitance CPAR. Depending
on the PCB layout, CPAR has typical values between 2pF
and 15pF. In addition, the equivalent circuit of Figure 9
includes the converter equivalent internal resistor RSW
and sampling capacitor CEQ.
There are some immediate trade-offs in RS and CIN without
needing a full circuit analysis. Increasing RS and CIN can
give the following benefits:
1) Due to the LTC2453’s input sampling algorithm, the
input current drawn by either VIN+ or VIN– over a
conversion cycle is 50nA. A high RS • CIN attenuates
the high frequency components of the input current,
and RS values up to 1k result in <1LSB error.
2) The bandwidth from VSIG is reduced at the input pins
(IN+, IN). This bandwidth reduction isolates the ADC
from high frequency signals, and as such provides
simple antialiasing and input noise reduction.
3) Switching transients generated by the ADC are attenu-
ated before they go back to the signal source.
4) A large CIN gives a better AC ground at the input pins,
helping reduce reflections back to the signal source.
5) Increasing RS protects the ADC by limiting the current
during an outside-the-rails fault condition.
There is a limit to how large RS • CIN should be for a given
Figure 10. Measured INL vs Input Voltage,
CIN = 0.1μF, VCC = 5V, TA = 25°C
application. Increasing RS beyond a given point increases
the voltage drop across RS due to the input current,
to the point that significant measurement errors exist.
Additionally, for some applications, increasing the RS• CIN
product too much may unacceptably attenuate the signal
at frequencies of interest.
For most applications, it is desirable to implement CIN as
a high-quality 0.1μF ceramic capacitor and RS ≤ 1k. This
capacitor should be located as close as possible to the
actual VINpackagepin.Furthermore,theareaencompassed
by this circuit path, as well as the path length, should be
minimized.
In the case of a 2-wire sensor that is not remotely
grounded, it is desirable to split RS and place series
resistors in the ADC input line as well as in the sensor
ground return line, which should be tied to the ADC GND
pin using a star connection topology.
Figure 10 shows the measured LTC2453 INL vs Input
Voltage as a function of RS value with an input capacitor
CIN = 0.1μF.
In some cases, RScanbeincreasedabovetheseguidelines.
The input current is zero when the ADC is either in sleep
or I/O modes. Thus, if the time constant of the input RC
circuit
τ = RS • CIN, is of the same order of magnitude or
longer than the time periods between actual conversions,
then one can consider the input current to be reduced
correspondingly.
Figure 11. Measured INL vs Input Voltage,
CIN = 0, VCC = 5V, TA = 25°C
APPLICATIONS INFORMATION
DIFFERENTIAL INPUT VOLTAGE (V)
–5
2
6
10
3
2453 F10
–2
–6
0
4
8
–4
–8
–10
–3
–4
–1
–2
12
4
0
5
RS = 10k
RS = 2k
RS = 1k
RS = 0
CIN = 0.1μF
VCC = 5V
TA = 25°C
DIFFERENTIAL INPUT VOLTAGE (V)
–5
2
6
10
3
2453 F11
–2
–6
0
4
8
–4
–8
–10
–3
–4
–1
–2
12
4
0
5
RS = 10k
RS = 1k, 2k
RS = 0
CIN = 0
VCC = 5V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com