Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJ2M-CPU31 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # CJ2M-CPU31
Description  SYSMAC CJ-series CJ2M CPU Units
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ2M-CPU31 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button CJ2M-CPU31 Datasheet HTML 3Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 4Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 5Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 6Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 7Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 8Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 9Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 10Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
CJ2M-CPU3
@/-CPU1@
*5. "Packets per second" is the number of communications packets that can be processed per second.
*6. If the maximum number is exceeded, refreshing will require more than one CPU Unit cycle.
*7. When changing parameters, however, the EtherNet/IP port where the change is made will be restarted. In addition, a timeout will temporarily
occur at the other node that was communicating with that port, and it will then recover automatically.
*8. The EtherNet/IP port supports an IGMP client, so unnecessary multicast packets are filtered by using a switching hub that supports IGMP
snooping.
Function Specifications
Functions
Description
Cycle Time
Management
Minimum Cycle Time
A minimum cycle time can be set.
(0.2 to 32,000 ms; Unit: 0.1 ms)
The minimum cycle time setting can be changed in MONITOR mode.
Cycle Time Monitoring
The cycle time is monitored.
(0.01 to 40,000 ms; Unit: 0.01 ms)
Background Processing
Instructions with long execution times can be executed over multiple cycles to prevent
fluctuations in the cycle time.
Unit (I/O)
Management
Basic I/O
Units, Special
I/O Units, and
CPU Bus
Units
I/O
Refreshing
Cyclic Refreshing
Cyclic refreshing of Basic I/O Units, Special I/O Units, and CPU Bus Units
Immediate Refreshing
I/O refreshing by immediate refreshing instructions
Refreshing by IORF
I/O refreshing by IORF instruction
Unit Recognition at Startup
The number of units recognized when the power is turned ON is displayed.
Basic I/O
Units
Input Response Time Setting
The input response times can be set for Basic I/O Units. The response time can be
increased to reduce the effects of chattering and noise at input contacts. The response
time can be decreased to enable detecting shorter input pulses.
Load OFF Function
All of the outputs on Basic I/O Units can be turned OFF when an error occurs in RUN or
MONITOR mode.
Basic I/O Unit Status Monitoring
Alarm information can be read from Basic I/O Units and the number of Units recognized
can be read.
Reading/writing data using
instructions for specific Units
Special instructions can be used to read/write required data for specific Units at high
speed.
Special I/O
Units and
CPU Bus
Units
Unit Restart Bits to Restart Units
A Special I/O Unit or CPU Bus Unit can be restarted.
Configuration
Management
Automatic I/O Allocation at Startup
I/O words can be automatically allocated to the Basic I/O Units that are connected in the
PLC to start operation automatically without registering Units into I/O tables.
I/O Table Creation
The current unit configuration can be registered in I/O tables to prevent it from being
changed, to reserve words, and to set words.
Rack/Slot First Word Settings
The first words allocated to a Units on the Racks can be set.
Memory
Management
Holding I/O Memory when Changing Operating Modes
The status of I/O memory can be held when the operating mode is changed or power is
turned ON. The forced-set/reset status can be held when the operating mode is changed
or power is turned ON.
File Memory
Files (such as program files, data files, and symbol table files) can be stored in Memory
Card, EM File Memory, or Comment Memory.
Built-in Flash Memory
The user program and Parameter Area can be backed up to an internal flash memory
when they are transferred to the CPU Unit.
EM File Function
Parts of the EM Area can be treated as file memory.
Storing Comments
I/O comments can be stored as symbol table files in a Memory Card, EM file memory,
or comment memory.
EM Configuration
EM Area can be set as trace memory or EM file memory.
Memory
Cards
Automatic File Transfer at Startup
A program file and parameter files can be read from a Memory Card when the power is
turned ON.
Program Replacement during PLC Operation
The whole user program can be read from a Memory Card to CPU Unit during operation.
Function for Reading and Writing Data from a Memory
Card
Data in I/O memory in the CPU Unit can be written to a Memory Card in CSV/TXT format.
Data in CSV/TXT format in the Memory Card can be read to I/O memory in the CPU Unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com