Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJ2M-CPU31 Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # CJ2M-CPU31
Description  SYSMAC CJ-series CJ2M CPU Units
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ2M-CPU31 Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button CJ2M-CPU31 Datasheet HTML 8Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 9Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 10Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 11Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 12Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 13Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 14Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 15Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
CJ2M-CPU3
@/-CPU1@
12
External Interface
CJ2M-CPU3
@ (CJ2M with Built-in EtherNet/IP)
A CJ2M-CPU3
@ provides two communications ports for external interfaces: a peripheral (USB) port and an EtherNet/IP port.
Serial ports can be added by mounting a Serial Communications Option Board (sold separately) in an option slot.
CJ2M-CPU1
@
A CJ2M-CPU1
@ provides two communications ports for external interfaces: a peripheral (USB) port and a serial port.
Battery Compartment
LED Indicators
DIP Switch
(inside the battery compartment)
Memory Card Indicators
Indicates the Memory Card status
(access and power supply).
Peripheral (USB) Port
Connected to Programming Devices,
such as the CX-Programmer
Option board slot
Add a serial option board (option)
EtherNet/IP Port
Connected to the information management
system such as Host Computer
Simple Backup/Memory Card
Power Supply Switch
Used to back up Memory
Card data or turn OFF the
power when removing the
Memory Card.
Also, press the Memory Card
Power Supply Switch to
perform an easy backup
operation.
Memory Card Connector
Connects the Memory Card
to the CPU Unit.
Memory Card Eject Button
Press the eject button to
remove the Memory Card
from the CPU Unit.
COMM
COMM
CP1W-CIF11/CIF12
RS-422A/485
Option Board
CP1W-CIF01
RS-232C
Option Board
Battery Compartment
LED Indicator
DIP Switch
(inside the battery compartment)
Memory Card Indicators
Indicates the Memory Card status
(access and power supply.)
Peripheral (USB) Port
Connected to Programming Device,
such as the CX-Programmer
Built-in Serial Port
Connected to Programming Devices,
Host Computers, general-purpose
external sevice, Programmable
Terminals, and other sevices.
Simple Backup/Memory Card
Power Supply Switch
Used to back uk Memory
Card data or turn OFF the
power when removing the
Memory Card.
Also, press the Memory Card
Power Supply Switch to
perform an easy backup
operation.
Memory Card Connector
Connects the Memory Card
to the CPU Unit.
Memory Card Eject Button
Press the eject button to
remove the Memory Card
from the CPU Unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com