Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJ2M-CPU31 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # CJ2M-CPU31
Description  SYSMAC CJ-series CJ2M CPU Units
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ2M-CPU31 Datasheet(HTML) 2 Page - Omron Electronics LLC

  CJ2M-CPU31 Datasheet HTML 1Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 2Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 3Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 4Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 5Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 6Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 7Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 8Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
CJ2M-CPU3
@/-CPU1@
2
Ordering Information
International Standards
• The standards are abbreviated as follows: U: UL, U1: UL (Class I Division 2 Products for Hazardous Locations), C: CSA, UC: cULus,
UC1: cULus (Class I Division 2 Products for Hazardous Locations), CU: cUL, N: NK, L: Lloyd, and CE: EC Directives.
• Contact your OMRON representative for further details and applicable conditions for these standards.
CJ2M CPU Units (Built-in EtherNet/IP)
Note: Add 0.005A, 0.030A and 0.075A when using Serial Communications Option Boards (CP1W-CIF01/11/12), respectively.
CJ2M CPU Units
Note: Add 0.15A when using NT-AL001 RS-232C/RS-422A Adapters.
Add 0.04 A when using CJ1W-CIF11 RS-422A Adapters.
Serial Communications Option Boards (Only CJ2M-CPU3
@)
The serial communications port can be equipped by installing the serial communications option board to the option board slot in front of CPU unit.
Note: It is not possible to use a CP-series Ethernet Option Board (CP1W-CIF41), LCD Option Board (CP1W-DAM01) with a CJ2M CPU Unit.
Product name
Specifications
Current
consumption (A)
Model
Standards
I/O capacity/
Mountable Units
(Expansion Racks)
Program
capacity
Data memory
capacity
LD
instruction
execution
time
EtherNet/IP
function
Option
board
slot
5 V
24 V
CJ2M (Built-in
EtherNet/IP)
CPU Units
2,560 points/
40 Units
(3 Expansion
Racks max.)
60K steps 160K words
(DM: 32K words,
EM: 32K words ×
4 banks)
0.04
μs
YES
YES
0.7
(See
note.)
−
CJ2M-CPU35
UC1, N, L,
CE
30K steps
CJ2M-CPU34
20K steps
64K words
(DM: 32K words,
EM: 32K words ×
1 bank)
CJ2M-CPU33
10K steps
CJ2M-CPU32
5K steps
CJ2M-CPU31
Product name
Specifications
Current
consumption (A)
Model
Standards
I/O capacity/
Mountable Units
(Expansion Racks)
Program
capacity
Data memory
capacity
LD
instruction
execution
time
EtherNet/IP
function
Option
board
slot
5 V
24 V
CJ2M CPU
Units
2,560 points/
40 Units
(3 Expansion
Racks max.)
60K steps 160K words
(DM: 32K words,
EM: 32K words ×
4 banks)
0.04
μs
−−
0.5
(See
note.)
−
CJ2M-CPU15
UC1, N, L,
CE
30K steps
CJ2M-CPU14
20K steps
64K words
(DM: 32K words,
EM: 32K words ×
1 bank)
CJ2M-CPU13
10K steps
CJ2M-CPU12
5K steps
CJ2M-CPU11
Product name
Specifications
Model
Standards
RS-232C Option
Board
One RS-232C port
Connector: D-Sub, 9 pin, female
Maximum transmission distance: 15m
One RS-232C connector (D-Sub, 9 pin, male) is included.
(Plug: XM2A-0901, Hood: XM2S-0911-E)
CP1W-CIF01
UC1, N, L,
CE
RS-422A/485
Option Board
One RS-422A/485 port
Terminal block: using ferrules
Maximum transmission distance: 50m
CP1W-CIF11
RS-422A/485
Isolated-type
Option Board
One RS-422A/485 port (Isolated)
Terminal block: using ferrules
Maximum transmission distance: 500m
CP1W-CIF12
N, L, CE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com