Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJ2M-CPU31 Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # CJ2M-CPU31
Description  SYSMAC CJ-series CJ2M CPU Units
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ2M-CPU31 Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button CJ2M-CPU31 Datasheet HTML 9Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 10Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 11Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 12Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 13Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 14Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 15Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 16Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 17Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
CJ2M-CPU3
@/-CPU1@
14
Serial Option Board (Only CJ2M-CPU3
@)
A Serial Option Board can be used with a CJ2M-CPU3
@ CJ2M CPU Unit.
CP1W-CIF01 RS-232C Option Board
●RS-232C Connector
Note: Do not use the 5-V power from pin 6 of the RS-232C port for anything but CJ1W-CIF11 RS-422A Conversion Adapter, NT-AL001 RS-232C/
RS-422A Conversion Adapter and NV3W-M_20L Programmable Terminal. The external device or the CPU Unit may be damaged.
CP1W-CIF11/CIF12 RS-422A/485 Option Board
●RS-422A/485 Terminal Block
Model
Port
Maximum transmission distance
Connection method
CP1W-CIF01
One RS-232C port
15 m
Connector: D-sub, 9-pin female
CP1W-CIF11
One RS-422A/485 port (not
isolated)
50 m
Terminal block: Using ferrules
CP1W-CIF12
One RS-422A/485 port (isolated)
500 m
Terminal block: Using ferrules
Pin No.
Signal
Name
Direction
1
FG
Protection earth
−
2
SD (TXD)
Send data
Output
3
RD (RXD)
Receive data
Input
4
RS (RTS)
Request to send
Output
5
CS (CTS)
Clear to send
Input
6
5 V
Power supply
−
7
DR (DSR)
Data set ready
Input
8
ER (DTR)
Data terminal ready
Output
9
SG (0 V)
Signal ground
−
Connector hood
FG
Protection earth
−
COMM
Front
Back
Communications Status Indicator
RS-232 Connector
CPU Unit Connector
5
6
1
9
COMM
Front
Back
Communications Status Indicator
DIP Switch for
Operation Settings
RS-422A/485 Connector
RDA- RDB+ SDA- SDB+ FG
CPU Unit
Connector
RDB+
RDA-
SDA-
SDB+
FG
Tighten the terminal block screws
to a torque of 0.28 N·m.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com