Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJ2M-CPU31 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # CJ2M-CPU31
Description  SYSMAC CJ-series CJ2M CPU Units
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ2M-CPU31 Datasheet(HTML) 1 Page - Omron Electronics LLC

  CJ2M-CPU31 Datasheet HTML 1Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 2Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 3Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 4Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 5Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 6Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 7Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 8Page - Omron Electronics LLC CJ2M-CPU31 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
CSM_CJ2M-CPU3__-CPU1_DS_E_1_2
1
SYSMAC CJ-series CJ2M CPU Units
CJ2M-CPU3
@/-CPU1@
Since 2001, CJ1M-series PLCs are in
control of a wide variety of
applications worldwide.
The accumulated experience and
advancements in technology now
result in CJ2M; fully compatible, yet
fully new.
• Increased performance, and increased memory capacity
• Up to 40 I/O units on any CPU
• USB for plug-and-play access to the PLC
• All models available with or without Ethernet port
• Choice of serial port plug-in modules
• User-friendly programming, faster debugging
Features
• Five variations in program capacity from 5K steps to 60K steps; scale the CPU to your application needs.
• Faster processors; LD instruction execution time is reduced to 40 ns, floating point trigonometrics in less than 1 μs.
• Faster Function Block calls and execution, faster interrupt handling, less overhead time.
• Added execution memory for Function Blocks allows structured, object-oriented programming even in entry-level CPUs.
• General-purpose Ethernet port supports EtherNet/IP tag-based data links, connection to Support Software, communications between PLCs,
FTP data transfers, and more (CJ2M-CPU3
@).
• Standard USB port on all models allows Support Software to connect directly through standard USB cable.
• A Serial Option Module can be mounted to add RS-232C or RS-422A/485 communications ports (CJ2M-CPU3@).
• Compatible with all existing CJ1 power supply-, I/O-, control- and communication units.
CJ2M-CPU3
@
CJ2M-CPU1
@


Similar Part No. - CJ2M-CPU31

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ2M-CPU31 OMRON-CJ2M-CPU31 Datasheet
4Mb / 30P
SYSMAC CJ-series CJ2M CPU Units, Pulse I/O Modules
CJ2M-CPU31 OMRON-CJ2M-CPU31 Datasheet
2Mb / 29P
Since 2001, CJ1M-series PLCs are in control of a wide variety of applications worldwide.
CJ2M-CPU31 OMRON-CJ2M-CPU31 Datasheet
2Mb / 30P
The accumulated experience and advancements in technology now result in CJ2M; fully compatible, yet fully new.
CJ2M-CPU31 OMRON-CJ2M-CPU31 Datasheet
2Mb / 23P
CJ2 FAMILY
CJ2M-CPU31 OMRON-CJ2M-CPU31 Datasheet
3Mb / 29P
SYSMAC CJ-series CJ2M CPU Units, Pulse I/O Modules
2016.5
More results

Similar Description - CJ2M-CPU31

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ1M-CPU13-ETN OMRON-CJ1M-CPU13-ETN Datasheet
452Kb / 15P
SYSMAC CJ-series CJ1M CPU Units (with Ethernet function)
CJ1W-CLK OMRON-CJ1W-CLK Datasheet
929Kb / 11P
SYSMAC CJ-series Controller Link Units
CJ1W-EIP21 OMRON-CJ1W-EIP21 Datasheet
581Kb / 8P
SYSMAC CJ-series EtherNet/IP Unit
CS1W-CLK OMRON-CS1W-CLK Datasheet
1Mb / 15P
SYSMAC CS-series Controller Link Units
CJ2M-CPU35_1007 OMRON-CJ2M-CPU35_1007 Datasheet
4Mb / 30P
SYSMAC CJ-series CJ2M CPU Units, Pulse I/O Modules
CJ1W-MCH72 OMRON-CJ1W-MCH72 Datasheet
3Mb / 374P
Programmable Controller SYSMAC CJ-series CJ1W-MCH72
logo
List of Unclassifed Man...
C200H-AD001 ETC1-C200H-AD001 Datasheet
287Kb / 61P
SYSMAC C200H-AD001/DA001 Analog I/O Units
logo
Omron Electronics LLC
CJ1W-SCU OMRON-CJ1W-SCU Datasheet
1Mb / 16P
CJ-series Serial Communications Units
CJ1M OMRON-CJ1M Datasheet
526Kb / 12P
SYSMAC CJ-series CJ1M CPU Units
CJ1W-PA OMRON-CJ1W-PA Datasheet
1Mb / 11P
CJ-series Power Supply Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com