Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1025ARQZ-R7 Datasheet(PDF) 5 Page - ON Semiconductor

Part # ADM1025ARQZ-R7
Description  Low Cost PC Hardware Monitor ASIC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1025ARQZ-R7 Datasheet(HTML) 5 Page - ON Semiconductor

  ADM1025ARQZ-R7 Datasheet HTML 1Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 2Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 3Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 4Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 5Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 6Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 7Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 8Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Preliminary Technical Data
ADM1025/ADM1025A
Rev. P5 | Page 5 of 21| www.onsemi.com
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Positive Supply Voltage (VCC)
6.5 V
Voltage on 12 V VIN Pin
20 V
Voltage on Any Input or Output Pin
−0.3 V to +6.5 V
Input Current at Any Pin
±5 mA
Package Input Current
±20 mA
Maximum Junction Temperature (TJ max)
150°C
Storage Temperature Range
–65°C to +150°C
Lead Temperature, Soldering
Vapor Phase 60 sec
215°C
Infrared 15 sec
200°C
ESD Rating All Pins
2000 V
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
16-Lead QSOP Package:
θJA = 105°C/W
θJC = 39°C/W
ESD CAUTION
Figure 2. Diagram for Serial Bus Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com