Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1025ARQZ-R7 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ADM1025ARQZ-R7
Description  Low Cost PC Hardware Monitor ASIC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1025ARQZ-R7 Datasheet(HTML) 3 Page - ON Semiconductor

  ADM1025ARQZ-R7 Datasheet HTML 1Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 2Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 3Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 4Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 5Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 6Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 7Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 8Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Preliminary Technical Data
ADM1025/ADM1025A
Rev. P5 | Page 3 of 21| www.onsemi.com
SPECIFICATIONS
TA = TMIN to TMAX, VCC = VMIN to VMAX, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY
Supply Voltage, VCC1
3.0
3.30
5.5
V
Supply Current, ICC2
1.4
2.5
mA
Interface Inactive, ADC Active
32
500
μA
Standby Mode
TEMPERATURE-TO-DIGITAL CONVERTER
Internal Sensor Accuracy
±3
°C
Resolution
1
°C
External Diode Sensor Accuracy
±5
°C
±3
°C
60°C ≤ TA ≤ 100°C; VCC = 3.3 V
Resolution
1
°C
Remote Sensor Source Current
180
μA
High Level
11
μA
Low Level
ANALOG-TO-DIGITAL CONVERTER (INCLUDING MUX AND
ATTENUATORS)
Total Unadjusted Error, TUE3
±2
%
Differential Nonlinearity, DNL
±1
LSB
Power Supply Sensitivity
±1
%/V
Conversion Time (Analog Input or Internal Temperature)4
11.6
ms
Conversion Time (External Temperature)4
34.8
ms
Input Resistance (2.5 V, 3.3 V, 5 V, 12 V, VCCPIN)
80
140
250
kΩ
OPEN-DRAIN DIGITAL OUTPUT ADD/RST/INT/NTO
Output Low Voltage, VOL
0.4
V
IOUT = −6.0 mA; VCC = 3 V
High Level Output Leakage Current, IOH
0.1
1
μA
VOUT = VCC; VCC = 3 V
RST Pulsewidth
20
45
ms
OPEN-DRAIN SERIAL DATABUS OUTPUT (SDA)
Output Low Voltage, VOL
0.4
V
IOUT = –6.0 mA; VCC = 3 V
High Level Output Leakage Current, IOH
0.1
1
μA
VOUT = VCC
SERIAL BUS DIGITAL INPUTS (SCL, SDA)
Input High Voltage, VIH
2.1
V
Input Low Voltage, VIL
0.8
V
Hysteresis
500
mV
DIGITAL INPUT LOGIC LEVELS (ADD, VID0–VID4, NTI)5
VID0–VID3 Input Resistance
100
kΩ
ADM1025 Only
VID4 Input Resistance
300
kΩ
ADM1025 Only
100
kΩ
ADM1025A
Input High Voltage, VIH6
2.1
V
Input Low Voltage, VIL6
0.8
V
DIGITAL INPUT LEAKAGE CURRENT
Input High Current, IIH
−1
μA
VIN = VCC
Input Low Current, IIL
+1
μA
VIN = 0
Input Capacitance, CIN
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com