Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1025ARQZ-R7 Datasheet(PDF) 4 Page - ON Semiconductor

Part # ADM1025ARQZ-R7
Description  Low Cost PC Hardware Monitor ASIC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1025ARQZ-R7 Datasheet(HTML) 4 Page - ON Semiconductor

  ADM1025ARQZ-R7 Datasheet HTML 1Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 2Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 3Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 4Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 5Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 6Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 7Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 8Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
ADM1025/ADM1025A
Preliminary Technical Data
Rev. P5 | Page 4 of 21| www.onsemi.com
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SERIAL BUS TIMING
Clock Frequency, fSCLK
400
kHz
See Figure 2
Glitch Immunity, tSW
50
ns
See Figure 2
Bus Free Time, tBUF
1.3
μs
See Figure 2
Start Setup Time, tSU:STA
600
ns
See Figure 2
Start Hold Time, tHD:STA
600
ns
See Figure 2
Stop Condition Setup Time, tSU:STO
600
ns
See Figure 2
SCL Low Time, tLOW
1.3
μs
See Figure 2
SCL High Time, tHIGH
0.6
μs
See Figure 2
SCL, SDA Rise Time, tR
300
ns
See Figure 2
SCL, SDA Fall Time, tF
300
ns
See Figure 2
Data Setup Time, tSU:DAT
100
ns
See Figure 2
Data Hold Time, tHD:DAT
300
ns
See Figure 2
1 All voltages are measured with respect to GND, unless otherwise specified.
2 Typicals are at TA = 25°C and represent most likely parametric norm. Shutdown current typ is measured with VCC = 3.3 V.
3 TUE (Total Unadjusted Error) includes Offset, Gain, and Linearity errors of the ADC, multiplexer, and on-chip input attenuators, including an external series input
protection resistor value between zero and 1 kΩ.
4 Total monitoring cycle time is nominally 114.4 ms. Monitoring Cycle consists of 6 Voltage + 1 Internal Temperature + 1 External Temperature readings.
5 ADD is a three-state input that may be pulled high, low, or left open-circuit.
6 Timing specifications are tested at logic levels of VIL = 0.8 V for a falling edge and VIH = 2.2 V for a rising edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com