Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1025ARQZ-R7 Datasheet(PDF) 1 Page - ON Semiconductor

Part # ADM1025ARQZ-R7
Description  Low Cost PC Hardware Monitor ASIC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1025ARQZ-R7 Datasheet(HTML) 1 Page - ON Semiconductor

  ADM1025ARQZ-R7 Datasheet HTML 1Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 2Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 3Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 4Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 5Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 6Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 7Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 8Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Low Cost PC
Hardware Monitor ASIC
Preliminary Technical Data
ADM1025/ADM1025A
©2008 SCILLC. All rights reserved.
Publication Order Number:
February 2008 – Rev. P5
ADM1025/D
FEATURES
Up to 8 measurement channels
5 inputs to measure supply voltages
VCC monitored internally
External temperature measurement with remote diode
On-chip temperature sensor
5 digital inputs for VID bits
Integrated 100 kΩ pull-ups on VID pins (ADM1025 only)
LDCM support
I2C® compatible system management bus (SMBus)
Programmable RST output pin
Programmable INT output pin
Configurable offset for internal/external channel
Shutdown mode to minimize power consumption
Limit comparison of all monitored values
APPLICATIONS
Network servers and personal computers
Microprocessor-based office equipment
Test equipment and measuring instruments
PRODUCT DESCRIPTION
The ADM1025/ADM1025A1 is a complete system hardware
monitor for microprocessor-based systems, providing measure-
ment and limit comparison of various system parameters. Five
voltage measurement inputs are provided for monitoring 2.5 V,
3.3 V, 5 V, and 12 V power supplies and the processor core
voltage. The ADM1025/ADM1025A can monitor a sixth power
supply voltage by measuring its own VCC. One input (two pins)
is dedicated to a remote temperature-sensing diode, and an on-
chip temperature sensor allows ambient temperature to be
monitored. The ADM1025A has open-drain VID inputs while
the ADM1025 has on-chip 100 kΩ pull-ups on the VID inputs.
Measured values and in/out of limit status can be read out via
an I2C compatible serial System Management Bus. The device
can be controlled and configured over the same serial bus. The
device also has a programmable INT output to indicate
undervoltage, overvoltage, and overtemperature conditions.
The ADM1025/ADM1025A’s 3.0 V to 5.5 V supply voltage
range, low supply current, and I2C compatible interface make it
ideal for a wide range of applications. These include hardware
monitoring and protection applications in personal computers,
electronic test equipment, and office electronics.
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
1 Patent Pending. Purchase of licensed I2C components of Analog Devices or one of its sublicensed Associated Companies conveys a license for the purchaser under the
Philips I 2C Patent Rights to use these components in an I2C system, provided that the system conforms to the I2C Standard Specification as defined by Philips.


Similar Part No. - ADM1025ARQZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1025ARQ AD-ADM1025ARQ Datasheet
164Kb / 16P
Low-Cost PC Hardware Monitor ASIC
REV.A
More results

Similar Description - ADM1025ARQZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1022 AD-ADM1022 Datasheet
190Kb / 19P
Low-Cost PC Temperature Monitor and Fan Control ASIC
REV.0
ADM1025 AD-ADM1025 Datasheet
164Kb / 16P
Low-Cost PC Hardware Monitor ASIC
REV.A
ADM1040 AD-ADM1040 Datasheet
42Kb / 1P
Power Supply Monitor ASIC
ADM9240 AD-ADM9240 Datasheet
280Kb / 22P
Low Cost Microprocessor System Hardware Monitor
REV.0
EVAL-ADM1028 AD-EVAL-ADM1028 Datasheet
216Kb / 9P
Evaluation Board for PC Temperature Monitor and Fan Control ASIC
logo
Faraday Technology
TFM1350F FARADAY-TFM1350F Datasheet
71Kb / 2P
LOW COST MONITOR FILTERS
TFV1350F FARADAY-TFV1350F Datasheet
56Kb / 2P
LOW COST MONITOR FILTERS
logo
Analog Devices
ADM9240ARU-REEL AD-ADM9240ARU-REEL Datasheet
288Kb / 22P
Low Cost Microprocessor System Hardware Monitor
REV. 0
logo
ON Semiconductor
ADM9240 ONSEMI-ADM9240 Datasheet
5Mb / 22P
Low Cost Microprocessor System Hardware Monitor
May 2010 - Rev.2
logo
Texas Instruments
LM96194 TI1-LM96194 Datasheet
1Mb / 102P
TruTherm Hardware Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com