Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1025ARQZ-R7 Datasheet(PDF) 18 Page - ON Semiconductor

Part # ADM1025ARQZ-R7
Description  Low Cost PC Hardware Monitor ASIC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1025ARQZ-R7 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button ADM1025ARQZ-R7 Datasheet HTML 13Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 14Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 15Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 16Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 17Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 18Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 19Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 20Page - ON Semiconductor ADM1025ARQZ-R7 Datasheet HTML 21Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
ADM1025/ADM1025A
Preliminary Technical Data
Rev. P5 | Page 18 of 21| www.onsemi.com
REGISTERS
Table 8. Address POINTER Register
Bit
Name
R/W
Description
7–0
Address Pointer
Write
Address of ADM1025/
ADM1025A Registers. See
the tables below for detail.
Table 9. List of Registers
Register Name
Address
A7–A0
in Hex
Power On Value of
Registers: <7:0>
Configuration
Register
40h
0000 1000
Status Register 1
41h
0000 0000
Status Register 2
42h
0000 0000
VID Register
47h
<7:4> = 0000, <3:0> = VID3–
VID0
VID4 Register
49h
<0> = VID4; Default = 1000
000 (VID4)
Value and Limit
Registers
15–3Dh
Company ID
3Eh
0100 0001
Stepping
3Fh
0010 (Bits 3:0 Version
Number)
Table 10. Register 40h – Configuration Register
Bit
Name
R/W
Description
0
START
Read/Write
Logic 1 enables startup of
monitor ASIC, and Logic 0
places the ASIC in standby
mode. At startup, limit
checking functions and
scanning begins. Note, all
HIGH and LOW LIMITS should
be set into the ADM1025/
ADM1025A prior to turning
on this bit. (Power-up Default
= 0.)
1
Reserved
Read
2
Reserved
Read
3
Reserved
Read
4
RESET
Read/Write
Setting this bit generates a
minimum 20 ms low pulse on
Pin 16 if the function is
enabled.
5
+12/VID4
Select
Read/Write
Selects whether Pin 11 acts
as a 12 V analog input
monitoring pin, or as a VID[4]
input. This pin defaults to the
12 V analog input. (Default =
0.)
6
Reserved
Read
7
Initialization
Read/Write
Logic 1 restores power-up
default values to the
Configuration Register and
Status Registers. This bit
automatically clears itself and
the power-on default is zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com