Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT3604V Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT3604V
Description  4-Channel Quad-Mode LED Driver with Open/Short LED Detection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3604V Datasheet(HTML) 5 Page - ON Semiconductor

  CAT3604V Datasheet HTML 1Page - ON Semiconductor CAT3604V Datasheet HTML 2Page - ON Semiconductor CAT3604V Datasheet HTML 3Page - ON Semiconductor CAT3604V Datasheet HTML 4Page - ON Semiconductor CAT3604V Datasheet HTML 5Page - ON Semiconductor CAT3604V Datasheet HTML 6Page - ON Semiconductor CAT3604V Datasheet HTML 7Page - ON Semiconductor CAT3604V Datasheet HTML 8Page - ON Semiconductor CAT3604V Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CAT3604V
http://onsemi.com
5
TYPICAL PERFORMANCE CHARACTERISTICS
(VIN = 3.6 V, IOUT = 80 mA (4 LEDs at 20 mA), CIN = COUT = C1 = C2 = 1 mF, TAMB = 25°C unless otherwise specified.)
Figure 3. Efficiency vs. Input Voltage
Figure 4. Efficiency vs. Li−Ion Voltage
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
2.0
2.5
3.0
3.5
4.0
4.5
40
50
60
70
80
90
100
3.2
3.4
3.6
3.8
3.0
4.0
4.2
40
50
60
70
80
90
100
Figure 5. Quiescent Current vs. Input Voltage
Figure 6. Quiescent Current vs. Temperature
INPUT VOLTAGE (V)
TEMPERATURE (°C)
2.5
3.0
2.0
3.5
4.0
4.5
5.0
5.5
0
1
2
3
4
120
80
40
0
−40
0
1
2
3
4
Figure 7. LED Current Change vs. Input
Voltage
Figure 8. LED Current Change vs.
Temperature
INPUT VOLTAGE (V)
TEMPERATURE (°C)
5.0
5.5
4.5
4.0
3.5
3.0
2.5
2.0
−10
−8
−4
−2
0
4
8
10
120
80
40
0
−40
−10
−8
−4
0
2
4
8
10
VF = 3.3 V
1x
1.33x
1.5x
2x
VF = 3.3 V
1x
1.33x
VF = 3.3 V
LEDs Off
1x
1.5x
2x
1.33x
2
6
−6
VF = 3.3 V
−6
−2
6
VF = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com