Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT3604V Datasheet(PDF) 6 Page - ON Semiconductor

Part # CAT3604V
Description  4-Channel Quad-Mode LED Driver with Open/Short LED Detection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3604V Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT3604V Datasheet HTML 2Page - ON Semiconductor CAT3604V Datasheet HTML 3Page - ON Semiconductor CAT3604V Datasheet HTML 4Page - ON Semiconductor CAT3604V Datasheet HTML 5Page - ON Semiconductor CAT3604V Datasheet HTML 6Page - ON Semiconductor CAT3604V Datasheet HTML 7Page - ON Semiconductor CAT3604V Datasheet HTML 8Page - ON Semiconductor CAT3604V Datasheet HTML 9Page - ON Semiconductor CAT3604V Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CAT3604V
http://onsemi.com
6
TYPICAL PERFORMANCE CHARACTERISTICS
(VIN = 3.6 V, IOUT = 80 mA (4 LEDs at 20 mA), CIN = COUT = C1 = C2 = 1 mF, TAMB = 25°C unless otherwise specified.)
Figure 9. Switching Frequency vs.
Temperature
Figure 10. Output Resistance vs. Input Voltage
TEMPERATURE (°C)
INPUT VOLTAGE (V)
120
80
40
0
−40
0.7
0.8
0.9
1.0
1.1
1.2
1.3
5.0
4.5
5.5
4.0
3.5
3.0
2.5
2.0
0
2
4
6
8
10
12
Figure 11. Foldback Current Limit
Figure 12. LED Current vs. LED Pin Voltage
OUTPUT CURRENT (mA)
LED PIN VOLTAGE (mV)
400
300
200
100
0
0
0.5
1.0
1.5
2.0
2.5
3.5
4.0
300
250
200
150
100
50
0
0
10
20
30
40
Figure 13. LED Current vs. RSET Resistance
Figure 14. Line Transient Response
(3.6 V to 4.9 V)
RSET RESISTANCE (kW)
100
10
1
1
10
100
1.5x Mode
1.33x, 2x Mode
1x
2x
1.33x
1.5x
3.0
1x Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com