Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT3604V Datasheet(PDF) 9 Page - ON Semiconductor

Part # CAT3604V
Description  4-Channel Quad-Mode LED Driver with Open/Short LED Detection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3604V Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT3604V Datasheet HTML 5Page - ON Semiconductor CAT3604V Datasheet HTML 6Page - ON Semiconductor CAT3604V Datasheet HTML 7Page - ON Semiconductor CAT3604V Datasheet HTML 8Page - ON Semiconductor CAT3604V Datasheet HTML 9Page - ON Semiconductor CAT3604V Datasheet HTML 10Page - ON Semiconductor CAT3604V Datasheet HTML 11Page - ON Semiconductor CAT3604V Datasheet HTML 12Page - ON Semiconductor CAT3604V Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
CAT3604V
http://onsemi.com
9
Table 6. PIN DESCRIPTION
Pin #
Name
Function
1
EN
Device enable (active high).
2
NC
Not connected inside the package.
3
NC
Not connected inside the package.
4
NC
Not connected inside the package.
5
RSET
Connect resistor RSET to set the LED current.
6
VOUT
Charge pump output connected to the LED anodes.
7
VIN
Charge pump input, connect to battery or supply.
8
C1+
Bucket capacitor 1 Positive terminal
9
C1−
Bucket capacitor 1 Negative terminal
10
C2−
Bucket capacitor 2 Negative terminal
11
C2+
Bucket capacitor 2 Positive terminal
12
GND
Ground Reference
13
LED4
LED4 cathode terminal.
14
LED3
LED3 cathode terminal.
15
LED2
LED2 cathode terminal.
16
LED1
LED1 cathode terminal.
TAB
GND
Connect to GND on the PCB.
Pin Function
VIN is the supply pin for the charge pump. A small 1
mF
ceramic bypass capacitor is required between the VIN pin
and ground near the device. The operating input voltage
range is from 2.5 V to 5.5 V. Whenever the input supply falls
below the under−voltage threshold (1.8 V), all the LED
channels are disabled and the device enters shutdown mode.
EN is the enable input and the high resolution PWM
dimming control. Levels of logic high and logic low are set
at 1.3 V and 0.4 V respectively. When EN is initially taken
high, the device becomes enabled and all LED currents are
set according to the RSET resistor. To place the device into
“zero current” shutdown mode, the EN pin must be held low
for at least 1.5 ms.
VOUT is the charge pump output that is connected to the
LED anodes. A small 1
mF ceramic bypass capacitor is
required between the VOUT pin and ground near the device.
GND is the ground reference for the charge pump. The pin
must be connected to the ground plane on the PCB.
C1+, C1− are connected to each side of the ceramic bucket
capacitor C1.
C2+, C2− are connected to each side of the ceramic bucket
capacitor C2.
LED1 to LED4 provide the internal regulated current
source for each of the LED cathodes. These pins enter
high−impedance zero current state whenever the device is
placed in shutdown mode. If an LED pin is directly tied to
VOUT, that channel is disabled.
TAB is the exposed pad underneath the package. For best
thermal performance, the tab should be soldered to the PCB
and connected to the ground plane.
RSET is connected to the resistor (RSET) to set the current
for the LEDs. The voltage at this pin regulated to 0.6 V. The
ground side of the external resistor should be star connected
back to the GND of the PCB. In shutdown mode, RSET
becomes high impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com