Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT3604V Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT3604V
Description  4-Channel Quad-Mode LED Driver with Open/Short LED Detection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3604V Datasheet(HTML) 2 Page - ON Semiconductor

  CAT3604V Datasheet HTML 1Page - ON Semiconductor CAT3604V Datasheet HTML 2Page - ON Semiconductor CAT3604V Datasheet HTML 3Page - ON Semiconductor CAT3604V Datasheet HTML 4Page - ON Semiconductor CAT3604V Datasheet HTML 5Page - ON Semiconductor CAT3604V Datasheet HTML 6Page - ON Semiconductor CAT3604V Datasheet HTML 7Page - ON Semiconductor CAT3604V Datasheet HTML 8Page - ON Semiconductor CAT3604V Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CAT3604V
http://onsemi.com
2
Figure 1. Typical Application Circuit
GND
2.4 V
to
5.5 V
20 mA
4.02 kΩ
ON OFF
LED1
LED2
LED3
LED4
RSET
EN
CAT3604V
VIN
VOUT
1 mF
C1−
C1+
C2−
C2+
1 mF
1 mF
COUT
VOUT
1 mF
VIN
CIN
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
VIN, LEDx, C1±, C2± voltage
6
V
VOUT voltage
7
V
EN voltage
6
V
Storage Temperature Range
−65 to +160
°C
Junction Temperature Range
−40 to +150
°C
Lead Temperature
300
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 2. RECOMMENDED OPERATING CONDITIONS
Parameter
Rating
Unit
VIN
2.5 to 5.5
V
Ambient Temperature Range
−40 to +85
_C
ILED per LED pin
0 to 25
mA
Total Output Current
0 to 100
mA
LED Forward Voltage Range
1.3 to 4.3
V
NOTE: Typical application circuit with external components is shown above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com