Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT3604V Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT3604V
Description  4-Channel Quad-Mode LED Driver with Open/Short LED Detection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3604V Datasheet(HTML) 1 Page - ON Semiconductor

  CAT3604V Datasheet HTML 1Page - ON Semiconductor CAT3604V Datasheet HTML 2Page - ON Semiconductor CAT3604V Datasheet HTML 3Page - ON Semiconductor CAT3604V Datasheet HTML 4Page - ON Semiconductor CAT3604V Datasheet HTML 5Page - ON Semiconductor CAT3604V Datasheet HTML 6Page - ON Semiconductor CAT3604V Datasheet HTML 7Page - ON Semiconductor CAT3604V Datasheet HTML 8Page - ON Semiconductor CAT3604V Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2010
April, 2010 − Rev. 3
1
Publication Order Number:
CAT3604V/D
CAT3604V
4-Channel Quad-Mode) LED
Driver with Open/Short LED
Detection
Description
The CAT3604V is a high efficiency Quad−Mode® fractional charge
pump that can drive up to four LEDs with input supply voltages as low
as 2.5 V.
An external RSET resistor is used to control the LED channel
brightness while channel diagnostics include automatic detection for
both short and open LED channel conditions, ensuring the CAT3604V
maintains the highest efficiency level in all operating modes.
Each operating mode uses a constant high frequency switching
scheme which allows the use of small form factor external ceramic
capacitors while delivering excellent low noise input supply ripple up
to 5.5 volts.
The EN input control supports direct PWM dimming and can
accommodate dimming frequencies in excess of 10 kHz thereby
providing extremely high resolution brightness levels.
The device is available in the 16−pad low profile 0.8 mm thin QFN
(4 mm x 4 mm).
Features
• Quad−mode Charge Pump: 1x, 1.33x, 1.5x, 2x
• Drives up to 4 LEDs at 30 mA Each
• Pin Compatible with Industry Standard ’604
• Open/Short LED Automatic Detection
• Power Efficiency up to 92%
• High Resolution PWM Dimming
• Low Noise Supply Ripple in All Modes
• Soft Start and Current Limiting
• Short Circuit and Thermal Overload Protection
• 16−Pad TQFN Package, 4 mm x 4 mm
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
• LCD Display Backlight
• Cellular Phones
• Digital Still Cameras
• Handheld Devices
http://onsemi.com
TQFN−16
HV4 SUFFIX
CASE 510AE
PIN CONNECTIONS
CDAK
AXXX
YMCC
MARKING DIAGRAMS
Device
Package
Shipping
ORDERING INFORMATION
CAT3604VHV4−GT2
(Note 1)
TQFN−16
(Pb−Free)
2,000/
Tape & Reel
1. NiPdAu Plated Finish (RoHS−compliant).
For other finishes, please contact factory.
GND
C2+
C2−
C1−
EN
NC
NC
NC
1
(4 x 4 mm) (Top View)
CDAF
AXXX
YMCC
CAT3604VHV4−T2
TQFN−16
(Pb−Free)
GND
CDAK = CAT3604VHV4−GT2
CDAF = CAT3604VHV4−T2
A = Assembly Location
XXX = Last Three Digits of Assembly Lot Number
Y = Production Year (Last Digit)
M = Production Month (1−9, A, B, C)
CC = Country of Origin (Two Digit)
Note: Two digit code for country of origin:
Thailand = TH
Malaysia = MY


Similar Part No. - CAT3604V

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3604V CATALYST-CAT3604V Datasheet
340Kb / 15P
4-Channel Quad-Mode??LED Driver with Open/Short LED Detection
logo
ON Semiconductor
CAT3604V ONSEMI-CAT3604V Datasheet
227Kb / 14P
4-Channel Quad-Mode LED Driver with Open/Short LED Detection
April, 2010 ??Rev. 3
logo
Catalyst Semiconductor
CAT3604VHV4-GT2 CATALYST-CAT3604VHV4-GT2 Datasheet
340Kb / 15P
4-Channel Quad-Mode??LED Driver with Open/Short LED Detection
logo
ON Semiconductor
CAT3604VHV4-GT2 ONSEMI-CAT3604VHV4-GT2 Datasheet
227Kb / 14P
4-Channel Quad-Mode LED Driver with Open/Short LED Detection
April, 2010 ??Rev. 3
logo
Catalyst Semiconductor
CAT3604VHV4-T2 CATALYST-CAT3604VHV4-T2 Datasheet
340Kb / 15P
4-Channel Quad-Mode??LED Driver with Open/Short LED Detection
More results

Similar Description - CAT3604V

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCA62746AFG TOSHIBA-TCA62746AFG Datasheet
469Kb / 25P
16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Catalyst Semiconductor
CAT3604V CATALYST-CAT3604V Datasheet
340Kb / 15P
4-Channel Quad-Mode??LED Driver with Open/Short LED Detection
logo
Texas Instruments
TLC5928 TI-TLC5928 Datasheet
1Mb / 27P
16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI-TLC5928_1 Datasheet
918Kb / 28P
16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5952 TI-TLC5952 Datasheet
943Kb / 33P
24-Channel, Constant-Current LED Driver with Global Brightness Control and LED Open-Short Detection
logo
Marktech Corporate
TCA62746AFG MARKTECH-TCA62746AFG Datasheet
504Kb / 25P
16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Toshiba Semiconductor
TCA62746AFG_0711 TOSHIBA-TCA62746AFG_0711 Datasheet
406Kb / 25P
16-Output Constant Current LED Driver with Output Open/Short Detection
logo
ON Semiconductor
CAT3604HV4 ONSEMI-CAT3604HV4 Datasheet
227Kb / 14P
4-Channel Quad-Mode LED Driver with Open/Short LED Detection
April, 2010 ??Rev. 3
logo
Texas Instruments
TLC5928 TI1-TLC5928_16 Datasheet
1Mb / 32P
16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_17 Datasheet
1Mb / 32P
16-Channel, Constant-Current LED Driver with LED Open Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com