Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2932 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SD2932
Description  RF power transistors HF/VHF/UHF N-channel MOSFETs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2932 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SD2932 Datasheet HTML 5Page - STMicroelectronics SD2932 Datasheet HTML 6Page - STMicroelectronics SD2932 Datasheet HTML 7Page - STMicroelectronics SD2932 Datasheet HTML 8Page - STMicroelectronics SD2932 Datasheet HTML 9Page - STMicroelectronics SD2932 Datasheet HTML 10Page - STMicroelectronics SD2932 Datasheet HTML 11Page - STMicroelectronics SD2932 Datasheet HTML 12Page - STMicroelectronics SD2932 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
SD2932
Typical performances
Doc ID 6876 Rev 8
9/22
Figure 12.
Power gain vs output power
Figure 13.
Efficiency vs output power
0
100
200
300
400
500
Pout, OUTPUT POWER (W)
10
11
12
13
14
15
16
17
18
Vdd=50V
Idq=2 x 250mA
F=175Mhz
0
100
200
300
400
500
Pout, OUTPUT POWER (W)
10
20
30
40
50
60
70
80
Vdd=50V
Idq=2 x 250mA
F=175Mhz
Table 7.
Output power vs supply voltage
Figure 14.
Output power vs gate voltage
24
26
28
30
32
34
36
38
40
42
44
46
48
50
Vdd,DRAIN VOLTAGE (V)
100
150
200
250
300
350
400
450
Pin=3.9 W
Pin=7.8 W
Pin=15.6 W
Idq=2 x 250mA
F=175Mhz
-3
-2
-1
0
1
2
3
VGS, GATE_SOURCE VOLTAGE (V)
0
100
200
300
400
Vdd=50V
Idq=2 x 250mA
F=175Mhz
T=-20 °C
T=+25 °C
T=+80 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com