Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2932 Datasheet(PDF) 14 Page - STMicroelectronics

Part # SD2932
Description  RF power transistors HF/VHF/UHF N-channel MOSFETs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2932 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button SD2932 Datasheet HTML 10Page - STMicroelectronics SD2932 Datasheet HTML 11Page - STMicroelectronics SD2932 Datasheet HTML 12Page - STMicroelectronics SD2932 Datasheet HTML 13Page - STMicroelectronics SD2932 Datasheet HTML 14Page - STMicroelectronics SD2932 Datasheet HTML 15Page - STMicroelectronics SD2932 Datasheet HTML 16Page - STMicroelectronics SD2932 Datasheet HTML 17Page - STMicroelectronics SD2932 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Test circuit 175 - 230 MHz
SD2932
14/22
Doc ID 6876 Rev 8
8
Test circuit 175 - 230 MHz
Figure 23.
175 - 230 MHz test circuit layout (engineering fixture)
Table 9.
175 - 230 MHz circuit layout component part list
Component
Description
PCB
1/32” woven fiberglass 0.030 Cu, sides,
εr = 4.8
T1
50 Ohm flexible coax cable OD 0.06”, 3” long. ferrite Core NEOSIDE
T2,T3
9:1transformer, 16.5 Ohm flexible coax cable 0.1”, 3” Long
T4,T5
4:1 transformer, 25 Ohm flexible coax cable OD 0.06”, 5” Long
C1
8.2 pF ceramic cap
C2,C3
100 pF ceramic cap
C4
2 - 18 pF chip cap
C5
47 pF ceramic cap
C6,C11
47 nF ceramic cap
C7
56 pF ATC chip cap
C8,C9,C13
470 pF ATC chip cap
C10
100 nF ceramic cap
C12
2 x 330 nF / 50 V cap
C14
10 nF / 63 V electrolityc cap
R1,R3
47 Ohm resistor
R2
6.8 K Ohm chip resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com