Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2932 Datasheet(PDF) 17 Page - STMicroelectronics

Part # SD2932
Description  RF power transistors HF/VHF/UHF N-channel MOSFETs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2932 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button SD2932 Datasheet HTML 13Page - STMicroelectronics SD2932 Datasheet HTML 14Page - STMicroelectronics SD2932 Datasheet HTML 15Page - STMicroelectronics SD2932 Datasheet HTML 16Page - STMicroelectronics SD2932 Datasheet HTML 17Page - STMicroelectronics SD2932 Datasheet HTML 18Page - STMicroelectronics SD2932 Datasheet HTML 19Page - STMicroelectronics SD2932 Datasheet HTML 20Page - STMicroelectronics SD2932 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
SD2932
Test circuit 88 - 108 MHz
Doc ID 6876 Rev 8
17/22
10
Test circuit 88 - 108 MHz
Figure 30.
88 - 108 MHz test circuit layout (engineering fixture)
Table 10.
175 - 230 MHz circuit layout component part list
Component
Description
PCB
1/32” woven fiberglass 0.030 Cu, 2 sides,
εr = 4.8
T1
50 Ohm flexible coax cable OD 0.06”, 5” Long
T2,T3
9:1 transformer, 25 Ohm flexible coax cable OD 0.1”, 3.9”. ferrite core NEOSIDE
T4,T5
4:1 transformer, 25 Ohm flexible coax cable OD 0.1”, 5” Long
T6
50 Ohm flexible coax cable OD 0.1”, 5” long
FB1
vk200
C1
10 pF ceramic cap
C2,C3,C4,C7,C8
1 nF chip cap
C5,C6
1 nF ATC chip cap
C9
470 pF ATC chip cap
C10
100 nF chip cap
C11
100 mF / 63 V electrolityc cap
R1
56 Ohm resistor
R2,R4
10 Ohm chip resistor
R3
10 K Ohm resistor
R5
5.6 Ohm resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com