Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2932 Datasheet(PDF) 16 Page - STMicroelectronics

Part # SD2932
Description  RF power transistors HF/VHF/UHF N-channel MOSFETs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2932 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button SD2932 Datasheet HTML 12Page - STMicroelectronics SD2932 Datasheet HTML 13Page - STMicroelectronics SD2932 Datasheet HTML 14Page - STMicroelectronics SD2932 Datasheet HTML 15Page - STMicroelectronics SD2932 Datasheet HTML 16Page - STMicroelectronics SD2932 Datasheet HTML 17Page - STMicroelectronics SD2932 Datasheet HTML 18Page - STMicroelectronics SD2932 Datasheet HTML 19Page - STMicroelectronics SD2932 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Typical broadband data (88 -108 MHz)
SD2932
16/22
Doc ID 6876 Rev 8
9
Typical broadband data (88 -108 MHz)
Figure 24.
Input power vs frequency
Figure 25.
Power gain vs frequency
Figure 26.
Efficiency vs frequency
Figure 27.
Return loss vs frequency
Figure 28.
2nd harmonic vs. frequency
(88 - 108 MHz)
Figure 29.
3rd harmonic vs frequency
(88 - 108 MHz)
85
90
95
100
105
110
FREQUENCY (MHz)
2.5
3
3.5
4
Vdd = 50V
Idq = 200 mA
Pout = 300W
85
90
95
100
105
110
FREQUENCY (MHz)
16
17
18
19
20
21
22
Vdd = 50V
Idq = 200 mA
Pout = 300W
85
90
95
100
105
110
FREQUENCY (MHz)
60
62
64
66
68
70
72
74
76
78
80
Vdd = 50V
Idq = 200 mA
Pout = 300W
85
90
95
100
105
110
FREQUENCY (MHz)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
Vdd = 50V
Idq = 200 mA
Pout = 300W
85
90
95
100
105
110
FREQUENCY (MHz)
-36
-34
-32
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
Vdd = 50V
Idq = 200 mA
Pout = 300W
85
90
95
100
105
110
FREQUENCY (MHz)
-36
-34
-32
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
Vdd = 50V
Idq = 200 mA
Pout = 300W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com