Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2932 Datasheet(PDF) 11 Page - STMicroelectronics

Part # SD2932
Description  RF power transistors HF/VHF/UHF N-channel MOSFETs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2932 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SD2932 Datasheet HTML 7Page - STMicroelectronics SD2932 Datasheet HTML 8Page - STMicroelectronics SD2932 Datasheet HTML 9Page - STMicroelectronics SD2932 Datasheet HTML 10Page - STMicroelectronics SD2932 Datasheet HTML 11Page - STMicroelectronics SD2932 Datasheet HTML 12Page - STMicroelectronics SD2932 Datasheet HTML 13Page - STMicroelectronics SD2932 Datasheet HTML 14Page - STMicroelectronics SD2932 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
SD2932
Test circuit 175 MHz
Doc ID 6876 Rev 8
11/22
C22,C23
0.1
µF / 500 V surface mount ceramic chip capacitor
C26,C27
0.01
µF / 500 V surface mount ceramic chip capacitor
C28
10
µF / 63 aluminum eletrolytic axial lead capacitor
B1
50 Ohm RG316 O.D 0.076[1.93] L = 11.80[299.72] flexible coaxial cable 4 Turns thru
Fair-rite Bead
B2
50 Ohm RG-142B O.D 0.165[4.19] L = 11.80[299.72] flexible coaxial cable
T1
R.F. Transformer 4:1, 25 Ohm O.D RG316-25 O.D 0.080[2.03] L = 5.90[149.86] flexible
coaxial cable 2 turns thru fair-rite multi-aperture core
T2
R.F. transformer 1:4, 25 Ohm semi-rigid coaxial cable O.D. 0.141[3.58] L = 5.90[149.86]
L1
Inductor
λ 1/4 Wave 50 Ohm O.D 0.165[4.19] L = 11.80 [299.72] flexible coaxial cable 2
turns thru fair-rite bead
FB1,FB5
Shield bead
FB2,FB6
Multi-aperture core
FB3
Multilayer ferrite chip bead (surface mount)
FB4
Surface mount emi shield bead
PCB
Woven Glass Reinforced PTFE Microwave Laminate 0.06”, 1 oz EDCu, Both sides,
εr =
2.55
Table 8.
175 MHz test circuit component part list (continued)
Component
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com