Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH511CF Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSH511CF
Description  Hi-fi stereo/mono infrared receiver and stereo sub-carrier demodulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH511CF Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSH511CF Datasheet HTML 5Page - STMicroelectronics TSH511CF Datasheet HTML 6Page - STMicroelectronics TSH511CF Datasheet HTML 7Page - STMicroelectronics TSH511CF Datasheet HTML 8Page - STMicroelectronics TSH511CF Datasheet HTML 9Page - STMicroelectronics TSH511CF Datasheet HTML 10Page - STMicroelectronics TSH511CF Datasheet HTML 11Page - STMicroelectronics TSH511CF Datasheet HTML 12Page - STMicroelectronics TSH511CF Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
TSH511
Overall circuit performance
9/25
4
Overall circuit performance
Note:
PSOPH: Signal on Noise Ratio curve measured with a CCITT standard psophometric
bandpass characteristic. It approximates the response of human hearing.
Figure 2.
Supply current vs. supply voltage
Figure 3.
Squelch threshold vs. RMUTE input
resistor
Figure 4.
S/N vs. 2.8 MHz input level
012
3
4
5
6
0
2
4
6
8
10
12
14
16
18
20
RX1+ (RX1 Buffer)
RX1+Buffers
RX1+RX2+Buffers
V
CC
(V)
110
100
0
10
20
30
40
50
60
F
IN
= 100 kHz
F
IN
= 1 MHz
V
CC
= 2.7V
R
MUTE
(k
Ω)
1
10
100
1000
0
10
20
30
40
50
60
PSOPH
BW = 30 kHz
V
CC
= 2.7 V
Deviation = +/-75 kHz
Input Level (
μV)
Figure 5.
Supply current vs. temperature
Figure 6.
Sensitivity vs. supply voltage
-40
-20
0
2040
6080
0
2
4
6
8
10
12
14
16
18
20
V
CC
= 2.7V
TX1+TX2
TX1
TX1+Buffers
TX1+TX2+Buffers
T
AMB
(°C)
2345
0
5
10
15
20
25
F
CARRIER
= 2.8MHz
F
MOD
= 1 kHz
Deviation = +/- 75kHz
BW = 30 kHz
V
CC
(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com