Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH511CF Datasheet(PDF) 22 Page - STMicroelectronics

Part # TSH511CF
Description  Hi-fi stereo/mono infrared receiver and stereo sub-carrier demodulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH511CF Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TSH511CF Datasheet HTML 17Page - STMicroelectronics TSH511CF Datasheet HTML 18Page - STMicroelectronics TSH511CF Datasheet HTML 19Page - STMicroelectronics TSH511CF Datasheet HTML 20Page - STMicroelectronics TSH511CF Datasheet HTML 21Page - STMicroelectronics TSH511CF Datasheet HTML 22Page - STMicroelectronics TSH511CF Datasheet HTML 23Page - STMicroelectronics TSH511CF Datasheet HTML 24Page - STMicroelectronics TSH511CF Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Package information
TSH511
22/25
8.6
Standby section
Depending on the state of the logic inputs SBY1 and SBY2, RX2 and the Audio Buffer 2 can
be disabled separately. The TSH511 receiver can adapt to different applications by using the
SBY1 & SBY2 standby pins.
In the standard stereo mode, the configuration is: SBY1 = SBY2 = Low.
In mono mode with one load (example: a single load speaker), RX2 and Audio Buffer 2 are
disabled, the configuration is SBY1 = SBY2 = High.
In mono mode with a stereo load (for example: a stereo headphone), the configuration is
SBY1 = High, SBY2 = Low.
A pin is in High state if connected to VCC, and is in Low state if connected to GND.
9
Package information
In order to meet environmental requirements, STMicroelectronics offers these devices in
ECOPACK® packages. These packages have a lead-free second level interconnect. The
category of second level interconnect is marked on the package and on the inner box label,
in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an STMicroelectronics
trademark. ECOPACK specifications are available at: www.st.com.
Table 6.
Standby pin description
SBY1
pin 32
SBY2
pin 31
RX1 &
audio buffer1
RX2
Audio buffer 2
Typical use
Low
Low
ON
ON
ON
stereo
Low
High
High
Low
ON
OFF
ON
mono on the
two outputs
High
High
ON
OFF
OFF
mono on one
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com