Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH511CF Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSH511CF
Description  Hi-fi stereo/mono infrared receiver and stereo sub-carrier demodulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH511CF Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSH511CF Datasheet HTML 6Page - STMicroelectronics TSH511CF Datasheet HTML 7Page - STMicroelectronics TSH511CF Datasheet HTML 8Page - STMicroelectronics TSH511CF Datasheet HTML 9Page - STMicroelectronics TSH511CF Datasheet HTML 10Page - STMicroelectronics TSH511CF Datasheet HTML 11Page - STMicroelectronics TSH511CF Datasheet HTML 12Page - STMicroelectronics TSH511CF Datasheet HTML 13Page - STMicroelectronics TSH511CF Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Audio buffer performance
TSH511
10/25
5
Audio buffer performance
Figure 7.
Output THD+N vs. output power
(RL = 16Ω)
Figure 8.
Output THD+N vs. output power
(RL = 16Ω)
1
10
100
0.1
1
10
R
L
= 16
Ω
F = 1 kHz
BW = 30 kHz
V
CC
= 5.5V
V
CC
= 2.7V
V
CC
= 2.3V
P
OUT-BUF
(mW)
110
100
0.1
1
10
F = 20 kHz
F = 1 kHz
R
L
= 16
Ω
V
CC
= 2.7 V
F = 20 Hz
P
OUT-BUF
(mW)
Figure 9.
Output THD+N vs. output power
(RL = 32Ω)
Figure 10.
Output THD+N vs. output power
(RL = 32Ω)
110
100
0.1
1
10
R
L
= 32
Ω
F = 1 kHz
BW = 30 kHz
V
CC
= 5.5V
V
CC
= 2.7V
V
CC
= 2.3V
P
OUT-BUF
(mW)
110
100
0.1
1
10
F = 20 kHz
F = 1 kHz
R
L
= 32
Ω
V
CC
= 2.7 V
F = 20 Hz
P
OUT-BUF
(mW)
Figure 11.
Output THD+N vs. output power
(RL = 600Ω)
Figure 12.
Output THD+N vs. output power
(RL = 600Ω)
0.1
1
10
0.1
1
R
L
= 600
Ω
F = 1 kHz
BW = 30 kHz
V
CC
= 5.5V
V
CC
= 2.7V
V
CC
= 2.3V
P
OUT-BUF
(mW)
0.1
1
0.1
1
10
F = 20 kHz
F = 1 kHz
R
L
= 600
Ω
V
CC
= 2.7 V
F = 20 Hz
P
OUT-BUF
(mW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com