Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH511CF Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSH511CF
Description  Hi-fi stereo/mono infrared receiver and stereo sub-carrier demodulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH511CF Datasheet(HTML) 4 Page - STMicroelectronics

  TSH511CF Datasheet HTML 1Page - STMicroelectronics TSH511CF Datasheet HTML 2Page - STMicroelectronics TSH511CF Datasheet HTML 3Page - STMicroelectronics TSH511CF Datasheet HTML 4Page - STMicroelectronics TSH511CF Datasheet HTML 5Page - STMicroelectronics TSH511CF Datasheet HTML 6Page - STMicroelectronics TSH511CF Datasheet HTML 7Page - STMicroelectronics TSH511CF Datasheet HTML 8Page - STMicroelectronics TSH511CF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Block diagram
TSH511
4/25
10
AMP-IN1
RX1
I
Intermediate amplifier input
11
DEC-LNA
RX1 & RX2
-
Decoupling capacitor
12
AMP-OUT1
RX1
O
Intermediate amplifier input
13
GND
-
-
GROUND
14
LIM-IN1
RX1
I
Limiter input
15
DEC-LIM1A
RX1
-
Decoupling capacitor
16
LIM-OUT1
RX1
O
Limiter output
17
DEC-LIM1B
RX1
-
Decoupling capacitor
18
MIX-IN1
RX1
I
Mixer input
19
VCC
-
-
SUPPLY VOLTAGE
20
MIX-OUT1
RX1
O
Mixer output (demodulated audio signal)
21
GND
-
-
GROUND
22
BUF-IN1
RX1
I
Audio buffer input
23
MUTE-IN
RX1 & RX2
I
Noise amplifier input (Squelch circuit)
24
MUTE-INT
RX1 & RX2
-
Capacitor connection of the noise rectifier
25
MUTE-OUT
RX1 & RX2
O
Capacitor connection (ramp generator to mute the audio)
26
BUF-OUT1
RX1
O
Audio buffer output
27
GND
-
-
GROUND
28
DEC-OUT
RX1 & RX2
-
Decoupling capacitor of Audio buffers
29
VCC
-
-
SUPPLY VOLTAGE
30
BUF-OUT2
RX2
O
Audio buffer output
31
SBY2
RX1 & RX2
I
Standby 2
32
SBY1
RX1 & RX2
I
Standby 1
33
GND
-
-
GROUND
34
BUF-IN2
RX2
I
Audio buffer input
35
GND
-
-
GROUND
36
MIX-OUT2
RX2
O
Mixer output
37
VCC
-
-
SUPPLY VOLTAGE
38
MIX-IN2
RX2
I
Mixer input
39
DEC-LIM2A
RX2
-
Decoupling capacitor
40
LIM-OUT2
RX2
O
Limiter output
41
DEC-LIM2B
RX2
-
Decoupling capacitor
42
LIM-IN2
RX2
I
Limiter input
43
GND
-
-
GROUND
44
AMP-OUT2
RX2
O
Intermediate amplifier output
1.
Pin direction: I = input pin, O = output pin, - = pin to connect to supply or decoupling capacitors or external components.
Table 1.
Pin descriptions
Pin
Pin name
Related to
Direction(1)
Pin description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com