Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH511CF Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSH511CF
Description  Hi-fi stereo/mono infrared receiver and stereo sub-carrier demodulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH511CF Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSH511CF Datasheet HTML 7Page - STMicroelectronics TSH511CF Datasheet HTML 8Page - STMicroelectronics TSH511CF Datasheet HTML 9Page - STMicroelectronics TSH511CF Datasheet HTML 10Page - STMicroelectronics TSH511CF Datasheet HTML 11Page - STMicroelectronics TSH511CF Datasheet HTML 12Page - STMicroelectronics TSH511CF Datasheet HTML 13Page - STMicroelectronics TSH511CF Datasheet HTML 14Page - STMicroelectronics TSH511CF Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
TSH511
Audio buffer performance
11/25
Figure 13.
Output THD+N vs. output voltage
(RL = 10kΩ)
Figure 14.
Output THD+N vs. output voltage
(RL = 10kΩ)
0.1
1
0.1
1
10
R
L
= 10 k
Ω
F = 1 kHz
BW = 30 kHz
V
CC
= 5.5V
V
CC
= 2.7V
V
CC
= 2.3V
V
OUT-BUF
(V
rms
)
0.1
1
0.1
1
10
F = 1 kHz
F = 20 kHz
R
L
= 10 k
Ω
V
CC
= 2.7 V
F = 20 Hz
V
OUT-BUF
(V
rms
)
Figure 15.
Output THD+N vs. frequency
(RL = 16Ω)
Figure 16.
Output THD+N vs. frequency
(RL = 32Ω)
100
1000
10000
0.1
1
10
20
V
CC
= 2.7 V
V
in
= 50 mV
rms
R
L
= 16
Ω
Frequency (Hz)
100
1000
10000
0.1
1
10
20
V
CC
= 2.7 V
V
in
= 50 mV
rms
R
L
= 32
Ω
Frequency (Hz)
Figure 17.
Output THD+N vs. frequency
(RL = 600Ω)
Figure 18.
Output THD+N vs. frequency
(RL = 10kΩ)
100
1000
10000
0.1
1
10
20
V
CC
= 2.7 V
V
in
= 50 mV
rms
R
L
= 600
Ω
Frequency (Hz)
100
1000
10000
0.1
1
10
20
V
CC
= 2.7 V
V
in
= 50 mV
rms
R
L
= 10 k
Ω
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com