Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH80IYLT Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSH80IYLT
Description  Wide band rail-to-rail operational amplifier with standby function
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH80IYLT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSH80IYLT Datasheet HTML 2Page - STMicroelectronics TSH80IYLT Datasheet HTML 3Page - STMicroelectronics TSH80IYLT Datasheet HTML 4Page - STMicroelectronics TSH80IYLT Datasheet HTML 5Page - STMicroelectronics TSH80IYLT Datasheet HTML 6Page - STMicroelectronics TSH80IYLT Datasheet HTML 7Page - STMicroelectronics TSH80IYLT Datasheet HTML 8Page - STMicroelectronics TSH80IYLT Datasheet HTML 9Page - STMicroelectronics TSH80IYLT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Electrical characteristics
TSH80, TSH81, TSH82, TSH84
6/27
Doc ID 9413 Rev 5
IM3
Third order intermodulation
product
AVCL = +2, Vout =2Vpp
RL = 150 Ω to 2.5 V
Fin1 = 180 kHz, Fin2 = 280 kHz
spurious measurement at 400 kHz
-68
dBc
ΔG
Differential gain
AVCL =+2, RL =150 Ω to 2.5 V
F=4.5MHz, Vout =2Vpp
0.5
%
Df
Differential phase
AVCL =+2, RL =150 Ω to 2.5 V
F=4.5MHz, Vout =2Vpp
0.5
° (degree)
Gf
Gain flatness
F = DC to 6 MHz, AVCL =+2
0.2
dB
Vo1/Vo2
Channel separation
F = 1 MHz to 10 MHz
65
dB
1.
Tested on the TSH80ILT only.
Table 3.
VCC
+ = +5 V, V
CC
- = GND, V
ic = 2.5 V, Tamb = 25° C
(unless otherwise specified) (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com