Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH80IYLT Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSH80IYLT
Description  Wide band rail-to-rail operational amplifier with standby function
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH80IYLT Datasheet(HTML) 5 Page - STMicroelectronics

  TSH80IYLT Datasheet HTML 1Page - STMicroelectronics TSH80IYLT Datasheet HTML 2Page - STMicroelectronics TSH80IYLT Datasheet HTML 3Page - STMicroelectronics TSH80IYLT Datasheet HTML 4Page - STMicroelectronics TSH80IYLT Datasheet HTML 5Page - STMicroelectronics TSH80IYLT Datasheet HTML 6Page - STMicroelectronics TSH80IYLT Datasheet HTML 7Page - STMicroelectronics TSH80IYLT Datasheet HTML 8Page - STMicroelectronics TSH80IYLT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
TSH80, TSH81, TSH82, TSH84
Electrical characteristics
Doc ID 9413 Rev 5
5/27
Voh
High level output voltage
Tamb = 25° C
RL = 150 Ω connected to GND
RL = 600 Ω connected to GND
RL = 2 kΩ connected to GND
RL = 10 kΩ connected to GND
RL = 150 Ω connected to 2.5 V
RL = 600 Ω connected to 2.5 V
RL = 2 kΩ connected to 2.5 V
RL = 10 kΩ connected to 2.5 V
Tmin < Tamb < Tmax
RL = 150 Ω connected to GND
RL = 150 Ω connected to 2.5 V
4.2
4.60(1)
4.5
4.1
4.4
4.36
4.85
4.90
4.93
4.66
4.90
4.92
4.93
V
Vol
Low level output voltage
Tamb = 25° C
RL = 150 Ω connected to GND
RL = 600 Ω connected to GND
RL = 2 kΩ connected to GND
RL = 10 kΩ connected to GND
RL = 150 Ω connected to 2.5 V
RL = 600 Ω connected to 2.5 V
RL = 2 kΩ connected to 2.5 V
RL = 10 kΩ connected to 2.5 V
Tmin < Tamb < Tmax
RL = 150 Ω connected to GND
RL = 150 Ω connected to 2.5 V
48
54
55
56
220
105
76
61
150
400
200
450
mV
GBP
Gain bandwidth product
F=10 MHz
AVCL= +11
AVCL= -10
65
55
MHz
Bw
Bandwidth at -3 dB
AVCL= +1
RL = 150 Ω connected to 2.5 V
87
MHz
SR
Slew rate
AVCL=+2
RL = 150 Ω // CL to 2.5 V
CL = 5 pF
CL = 30 pF
60
104
105
V/
μs
φm
Phase margin
RL = 150 Ω // 30 pF to 2.5 V
40
° (degree)
en
Equivalent input noise
voltage
F = 100 kHz
11
nV/
√Hz
THD
Total harmonic distortion
AVCL= +2, F = 4 MHz
RL = 150 Ω // 30 pF to 2.5 V
Vout = 1Vpp
Vout = 2Vpp
-61
-54
dB
IM2
Second order intermodulation
product
AVCL = +2, Vout =2Vpp
RL = 150 Ω connected to 2.5 V
Fin1 = 180 kHz, Fin2 = 280 kHz
spurious measurement at 100 kHz
-76
dBc
Table 3.
VCC
+ = +5 V, V
CC
- = GND, V
ic = 2.5 V, Tamb = 25° C
(unless otherwise specified) (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com