Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH80IYLT Datasheet(PDF) 19 Page - STMicroelectronics

Part # TSH80IYLT
Description  Wide band rail-to-rail operational amplifier with standby function
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH80IYLT Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TSH80IYLT Datasheet HTML 15Page - STMicroelectronics TSH80IYLT Datasheet HTML 16Page - STMicroelectronics TSH80IYLT Datasheet HTML 17Page - STMicroelectronics TSH80IYLT Datasheet HTML 18Page - STMicroelectronics TSH80IYLT Datasheet HTML 19Page - STMicroelectronics TSH80IYLT Datasheet HTML 20Page - STMicroelectronics TSH80IYLT Datasheet HTML 21Page - STMicroelectronics TSH80IYLT Datasheet HTML 22Page - STMicroelectronics TSH80IYLT Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
TSH80, TSH81, TSH82, TSH84
Precautions on asymmetrical supply operation
Doc ID 9413 Rev 5
19/27
4
Precautions on asymmetrical supply operation
The TSH8x can be used with either a dual or a single supply. If a single supply is used, the
inputs are biased to the mid-supply voltage (+VCC/2). This bias network must be carefully
designed so as to reject any noise present on the supply rail.
As the bias current is 15 µA, you should use a high resistance R1 (approximately 10 k
Ω) to
avoid introducing an offset mismatch at the amplifier’s inputs.
Figure 33.
Asymmetrical supply schematic diagram
C1, C2, C3 are bypass capacitors intended to filter perturbations from VCC. The following
capacitor values are appropriate.
C1 = 100 nF and C2 = C3 = 100 µF
R2 and R3 are such that the current through them must be superior to 100 times the bias
current. Therefore, you could use the following resistance values.
R2 =R3=4.7k
Ω
Cin and Cout are chosen to filter the DC signal by the low pass filters (R1, Cin) and (Rout,
Cout). With R1 = 10 kΩ, Rout =RL = 150 Ω, and Cin =2µF, Cout = 220 µF the cutoff
frequency obtained is lower than 10 Hz.
Figure 34.
Use of the TSH8x in a gain = -1 configuration
IN
R1
OUT
R2
R3
C1
C3
+
-
R4
C2
R5
Cf
RL
Cin
Cout
AM00845
Vcc+
IN
R1
OUT
R2
R3
C1
C3
+
-
C2
Cf
RL
Cin
Cout
AM00846
Vcc+
1 k
1 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com