Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH80IYLT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSH80IYLT
Description  Wide band rail-to-rail operational amplifier with standby function
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH80IYLT Datasheet(HTML) 1 Page - STMicroelectronics

  TSH80IYLT Datasheet HTML 1Page - STMicroelectronics TSH80IYLT Datasheet HTML 2Page - STMicroelectronics TSH80IYLT Datasheet HTML 3Page - STMicroelectronics TSH80IYLT Datasheet HTML 4Page - STMicroelectronics TSH80IYLT Datasheet HTML 5Page - STMicroelectronics TSH80IYLT Datasheet HTML 6Page - STMicroelectronics TSH80IYLT Datasheet HTML 7Page - STMicroelectronics TSH80IYLT Datasheet HTML 8Page - STMicroelectronics TSH80IYLT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
May 2009
Doc ID 9413 Rev 5
1/27
27
TSH80, TSH81, TSH82, TSH84
Wide band rail-to-rail operational amplifier with standby function
Features
■ Operating range from 4.5 to 12 V
■ 3 dB-bandwidth: 100 MHz
■ Slew-rate 100 V/
μs
■ Output current up to 55 mA
■ Input single supply voltage
■ Output rail-to-rail
■ Specified for 150
Ω loads
■ Low distortion, THD 0.1%
■ SOT23-5, TSSOP and SO packages
Applications
■ Video buffers
■ A/D converter drivers
■ Hi-fi applications
Description
The TSH8x series offers single, dual and quad
operational amplifiers featuring high video
performance with large bandwidth, low distortion
and excellent supply voltage rejection. These
amplifiers also feature large output voltage swings
and a high output current capability to drive
standard 150
Ω loads.
Running at single or dual supply voltages ranging
from 4.5 to 12 V, these amplifiers are tested at 5 V
(±2.5 V) and 10 V (±5 V) supplies.
The TSH81 also features a standby mode, which
provides the operational amplifier with a low
power consumption and high output impedance.
This function allows power saving or signal
switching/multiplexing for high-speed and video
applications.
For board space and weight saving, the TSH8x
series is proposed in SOT23-5, TSSOP8, SO-8
and TSSOP14 plastic micropackages.
SO-8
SOT23-5
TSSOP8
Pin connections TSH80/SOT23-5
1
2
3
5
4
V
CC-
V
CC+
+ -
Non-inv. input
Inv. input
Output 1
2
3
5
4
V
CC-
V
CC+
+ -
Non-inv. input
Inv. input
Output
V
CC-
V
CC+
1
2
3
5
4
8
7
6
NC
NC
Output
+
_
NC
Inv. input
V
CC-
V
CC+
1
2
3
5
4
8
7
6
NC
NC
Output
+
_
NC
Inv. input
Pin connections TSH81 SO-8/TSSOP8
Pin connections TSH82 SO-8/TSSOP8
V
CC-
V
CC+
1
2
3
5
4
8
7
6
Non inv. input1
Inverting input1
Output2
+
_
Output1
Non inv. input2
Inverting input2
+
_
V
CC-
V
CC+
1
2
3
5
4
8
7
6
Non inv. input1
Inverting input1
Output2
+
_
Output1
Non inv. input2
Inverting input2
+
_
Pin connections TSH80/SO-8
V
CC-
V
CC+
1
2
3
5
4
8
7
6
NC
NC
STANDBY
Non inverting Input
Inverting input
Output
+
_
V
CC-
V
CC+
1
2
3
5
4
8
7
6
NC
NC
STANDBY
Non inverting Input
Inverting input
Output
+
_
VCC +
VCC -
1
2
3
11
4
14
13
12
Non Inverting Input2
Inverting Input2
Output4
Output2
Non Inverting Input4
Inverting Input4
5
6
7
8
10
9
+
_
+
_
+
_
Output3
Non Inverting Input3
Inverting Input3
+
_
Output1
Non Inverting Input1
Inverting Input1
VCC +
VCC -
1
2
3
11
4
14
13
12
Non Inverting Input2
Inverting Input2
Output4
Output2
Non Inverting Input4
Inverting Input4
5
6
7
8
10
9
+
_
+
_
+
_
Output3
Non Inverting Input3
Inverting Input3
+
_
Output1
Non Inverting Input1
Inverting Input1
Pin connections TSH84 TSSOP14
www.st.com


Similar Part No. - TSH80IYLT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH80IYLT STMICROELECTRONICS-TSH80IYLT Datasheet
562Kb / 24P
Wide band rail-to-rail operational amplifier with standby function
24-Oct-2007
TSH80IYLT STMICROELECTRONICS-TSH80IYLT Datasheet
1Mb / 27P
Wide-band rail-to-rail operational amplifiers with standby function
18-Nov-2024
More results

Similar Description - TSH80IYLT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS902 STMICROELECTRONICS-TS902 Datasheet
105Kb / 12P
RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER WITH STANDBY POSITION
Apr-1999
TS904 STMICROELECTRONICS-TS904 Datasheet
108Kb / 12P
RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER (WITH STANDBY POSITION)
Apr-1999
TSH70 STMICROELECTRONICS-TSH70 Datasheet
1Mb / 25P
WIDE BAND, LOW POWER OPERATIONAL AMPLIFIER WITH STANDBY FUNCTION
Aug-2002
TSH80 STMICROELECTRONICS-TSH80 Datasheet
430Kb / 23P
Wide Band, Rail-to-Rail Operational Amplifier with Standby Function
Aug-2005
TS3V902 STMICROELECTRONICS-TS3V902 Datasheet
120Kb / 11P
3V RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER (WITH STANDBY POSITION)
Oct-1997
TS902 STMICROELECTRONICS-TS902_01 Datasheet
122Kb / 8P
RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER WITH STANDBY POSITION
Dec-2001
TSH70 STMICROELECTRONICS-TSH70_06 Datasheet
586Kb / 33P
Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
May-2006
TSH80 STMICROELECTRONICS-TSH80_07 Datasheet
562Kb / 24P
Wide band rail-to-rail operational amplifier with standby function
24-Oct-2007
logo
ON Semiconductor
NCS2004 ONSEMI-NCS2004 Datasheet
942Kb / 13P
Wide Supply Rail-to-Rail Output Operational Amplifier
October, 2015 ??Rev. 9
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com