Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH80IYLT Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSH80IYLT
Description  Wide band rail-to-rail operational amplifier with standby function
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH80IYLT Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSH80IYLT Datasheet HTML 9Page - STMicroelectronics TSH80IYLT Datasheet HTML 10Page - STMicroelectronics TSH80IYLT Datasheet HTML 11Page - STMicroelectronics TSH80IYLT Datasheet HTML 12Page - STMicroelectronics TSH80IYLT Datasheet HTML 13Page - STMicroelectronics TSH80IYLT Datasheet HTML 14Page - STMicroelectronics TSH80IYLT Datasheet HTML 15Page - STMicroelectronics TSH80IYLT Datasheet HTML 16Page - STMicroelectronics TSH80IYLT Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
TSH80, TSH81, TSH82, TSH84
Electrical characteristics
Doc ID 9413 Rev 5
13/27
Figure 16.
Closed loop gain and phase vs.
frequency
Figure 17.
Overshoot vs. output capacitance
1E+4
1E+5
1E+6
1E+7
1E+8
1E+9
Frequency (Hz)
-20
-15
-10
-5
0
5
10
-200
-100
0
100
200
Gain
Phase
Gain = +2, VCC =±5V, RL = 150 Ω, Tamb = 25° C
Gain = +2, VCC =±5V, Tamb = 25° C
1E+4
1E+5
1E+6
1E+7
1E+8
1E+9
Frequency (Hz)
-30
-20
-10
0
10
20
150
Ω
150
Ω//10pF
150
Ω//33pF
150
Ω//22pF
Figure 18.
Closed loop gain and phase vs.
frequency
Figure 19.
Closed loop gain and phase vs.
frequency
1E+4
1E+5
1 E+6
1E+7
1 E+8
1E+9
Frequency (Hz)
-10
0
10
20
30
-5 0
0
50
10 0
15 0
20 0
Gain
Phas e
Gain = -10, VCC = ±5 V, RL =150 Ω, Tamb = 25° C
1E+4
1E+5
1E+6
1E+7
1E+8
1E+9
Frequency (Hz)
-10
0
10
20
30
-150
-100
-50
0
Gain
Phase
Gain = +11, VCC = ±5 V, RL =150 Ω, Tamb =25° C
Figure 20.
Large signal measurement -
positive slew rate
Figure 21.
Large signal measurement -
negative slew rate
02 0
40
60
8010 0
Time (ns)
-5
-4
- 3
-2
-1
0
1
2
3
4
5
Gain = +2, VCC =±5V, ZL =150 Ω//5.6 pF,
Vin = 400 mVpk
020
40
6 0
8010 0
Time (ns)
-5
-4
-3
-2
-1
0
1
2
3
4
5
Gain = +2, VCC =±5V, ZL =150 Ω//5.6 pF,
Vin = 400 mVpk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com