Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6513 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM6513
Description  Dual push-button Smart ResetTM with dual reset outputs and user-selectable setup delay
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6513 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM6513 Datasheet HTML 3Page - STMicroelectronics STM6513 Datasheet HTML 4Page - STMicroelectronics STM6513 Datasheet HTML 5Page - STMicroelectronics STM6513 Datasheet HTML 6Page - STMicroelectronics STM6513 Datasheet HTML 7Page - STMicroelectronics STM6513 Datasheet HTML 8Page - STMicroelectronics STM6513 Datasheet HTML 9Page - STMicroelectronics STM6513 Datasheet HTML 10Page - STMicroelectronics STM6513 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
STM6513
Device overview
Doc ID 16490 Rev 2
7/29
2
Device overview
Table 1.
Signal names
Symbol
Input/output
Description
RST1
Output
First reset output, active-high, push-pull.
RST2
Output
Second reset output, active-low, open-drain.
SR0
Input
Primary push-button Smart Reset input. Active-low.
SR1
Input
Secondary push-button Smart Reset input. Active-low.
TSR
Input
A Three-state Smart Reset input delay setup control. When connected
to ground, tSRC = 2 s; when left open, tSRC = 6 s; when connected to
VCC, tSRC = 10 s (all times are minimum). TSR is a DC-type input,
intended to be either permanently grounded, permanently connected
to VCC or permanently left open. If left open, for improved system glitch
immunity it is strongly recommended to connect a 0.1 µF decoupling
ceramic capacitor between the TSR and VSS pins.
TRECADJ
Input
Input pin for tREC1 reset pulse duration adjustment. Connect an
external capacitor CtREC to this pin to determine tREC1; tREC2 is factory-
programmed.
VCC
Supply
Positive supply voltage input. Power supply for the device and an input
for the monitored supply voltage. A 0.1 µF decoupling ceramic
capacitor is recommended to be connected between VCC and VSS
pins.
VSS
Supply
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com