Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6513 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM6513
Description  Dual push-button Smart ResetTM with dual reset outputs and user-selectable setup delay
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6513 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM6513 Datasheet HTML 5Page - STMicroelectronics STM6513 Datasheet HTML 6Page - STMicroelectronics STM6513 Datasheet HTML 7Page - STMicroelectronics STM6513 Datasheet HTML 8Page - STMicroelectronics STM6513 Datasheet HTML 9Page - STMicroelectronics STM6513 Datasheet HTML 10Page - STMicroelectronics STM6513 Datasheet HTML 11Page - STMicroelectronics STM6513 Datasheet HTML 12Page - STMicroelectronics STM6513 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
STM6513
Pin descriptions
Doc ID 16490 Rev 2
9/29
Table 2.
tREC1 programmed by an ideal external capacitor
CtREC value (µF)
tREC1 (ms)
(1)(2)
1.
At 25 ° C. Example calculations based on an ideal capacitor. During application design and component
selection it should be considered that the current flowing into the external tREC programming capacitor
(CtREC) is on the order of 100 nA, therefore a low-leakage capacitor (ceramic or film capacitor) should be
used and placed as close as possible to the TRECADJ pin. Also an adequate low-leakage PCB
environment should be ensured to prevent tREC accuracy from being affected. A recommended minimum
value of CtREC is 0.001 µF.
2.
In case of repeated activations of the internal tREC timer, an interval of 10 ms min. is needed between tREC
intervals to fully discharge CtREC, so that the next tREC1 is as specified.
Closest common
CtREC value (µF)
Min.
Typ.
Max.
0.001
10
15
20
0.001
0.002
20
30
40
0.0022
0.01
100
150
200
0.01
0.014
140
210
280
0.015
0.028
280
420
560
0.027
0.056
560
840
1120
0.056
0.112
1120
1680
2240
0.12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com