Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6513 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM6513
Description  Dual push-button Smart ResetTM with dual reset outputs and user-selectable setup delay
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6513 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM6513 Datasheet HTML 14Page - STMicroelectronics STM6513 Datasheet HTML 15Page - STMicroelectronics STM6513 Datasheet HTML 16Page - STMicroelectronics STM6513 Datasheet HTML 17Page - STMicroelectronics STM6513 Datasheet HTML 18Page - STMicroelectronics STM6513 Datasheet HTML 19Page - STMicroelectronics STM6513 Datasheet HTML 20Page - STMicroelectronics STM6513 Datasheet HTML 21Page - STMicroelectronics STM6513 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
DC and AC parameters
STM6513
18/29
Doc ID 16490 Rev 2
Table 5.
DC and AC characteristics
Symbol
Parameter
Test conditions(1)
Min.
Typ.(2)
Max.
Units
VCC
Supply voltage range
Reset output valid - active-low
1.0
5.5
V
Reset output valid - active-high
1.2
5.5
V
ICC
Supply current (VCC)
VCC = 3.0 V, TSR left open
(3)
35
µA
VCC = 5.0 V, TSR left open
4
6
µA
VOL
Reset output voltage
low
VCC ≥ 4.5 V, sinking 3.2 mA
0.3
V
VCC ≥ 3.3 V, sinking 2.5 mA
0.3
V
VCC ≥ 1.0 V, sinking 0.1 mA
0.3
V
VOH
Reset output voltage
high, RST1
VCC ≥ 4.5 V, ISOURCE = 0.8 mA
0.8 VCC
V
VCC ≥ 2.7 V, ISOURCE = 0.5 mA
0.8 VCC
V
VCC ≥ 1.2 V, ISOURCE = 0.05 mA
0.8 VCC
V
VRST
Fixed voltage trip
point for VCC
monitoring (refer to
Table 6)
–40 to +85 °C
VRST –2.5%
VRST
VRST +2.5%
V
25 °C
VRST –2.0%
VRST
VRST +2.0%
V
VHYST
Hysteresis of VRST
L, M
0.5%
T, S, R, Z, Y, W, V
1%
VCC to reset delay
(4)
VCC falling from (VRST + 100 mV)
to (VRST - 100 mV) at 10 mV/µs
20
µs
tREC2
Output reset timeout
period on RST2,
factory-programmed
Option E
140
210
280
ms
Option F
240
360
480
ms
tREC1
User-adjustable
output reset timeout
period on RST1
Refer to Table 2.
10 000 x
CtREC (µF)
15 000 x
CtREC (µF)
20 000 x
CtREC (µF)
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com