Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6513 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM6513
Description  Dual push-button Smart ResetTM with dual reset outputs and user-selectable setup delay
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6513 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM6513 Datasheet HTML 9Page - STMicroelectronics STM6513 Datasheet HTML 10Page - STMicroelectronics STM6513 Datasheet HTML 11Page - STMicroelectronics STM6513 Datasheet HTML 12Page - STMicroelectronics STM6513 Datasheet HTML 13Page - STMicroelectronics STM6513 Datasheet HTML 14Page - STMicroelectronics STM6513 Datasheet HTML 15Page - STMicroelectronics STM6513 Datasheet HTML 16Page - STMicroelectronics STM6513 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
STM6513
Typical operating characteristics
Doc ID 16490 Rev 2
13/29
Figure 7.
Output reset timeout period tREC2 vs. temperature and supply voltage
VCC (tREC option E)
Figure 8.
Supply current ICC vs. temperature and supply voltage VCC
140
160
180
200
220
240
260
280
–60
–40
–20
0
20
40
60
80
100
120
140
Temperature [˚C]
tREC2 [ms]
5.5 V
3.3 V
AM00633
0
1
2
3
4
5
6
–60
–40
–20
0
20
40
60
80
100
120
140
Temperature [˚C]
ICC [µA]
5.5 V
3.3 V
AM00634



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com