Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6513 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM6513
Description  Dual push-button Smart ResetTM with dual reset outputs and user-selectable setup delay
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6513 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM6513 Datasheet HTML 7Page - STMicroelectronics STM6513 Datasheet HTML 8Page - STMicroelectronics STM6513 Datasheet HTML 9Page - STMicroelectronics STM6513 Datasheet HTML 10Page - STMicroelectronics STM6513 Datasheet HTML 11Page - STMicroelectronics STM6513 Datasheet HTML 12Page - STMicroelectronics STM6513 Datasheet HTML 13Page - STMicroelectronics STM6513 Datasheet HTML 14Page - STMicroelectronics STM6513 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
STM6513
Block diagram
Doc ID 16490 Rev 2
11/29
STM6513 hookup with RST1 and RST2, bridging the PS_hold reset pulse during the
microprocessor reset initiated by the STM6513 Smart Reset device:
Figure 4.
Typical application diagram
Figure 5.
Timing waveforms
AM00375a
VCC
PMU
Seq.
logic
LD00
...
LD07
PWR
SW
POWER
KEY
RST_n
PS_hold
VREG
STM6513
TSR
TRECADJ
RST1 (PP)
RST2 (OD)
SR0
SR1
VREG
(PU resistor)
MCU
RST
PS_hold
GPIO1
GPIOn
KEYn
KEY1
Forces PS_hold
high during
reset period
CtREC
100 k
Ω
Factory -
programmed
tREC2
tREC1
tREC1
tSRC
tREC2
AM00376V2
POR initiated
SR0, SR1
RST2 (OD)
RST1 (PP)
by CtREC
(210 ms)
(~1 s)
(~1 s)
Smart Reset™ initiated
(210 ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com