Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6522 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STM6522
Description  Dual push-button Smart Reset??with capacitor-adjustable setup delay
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6522 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STM6522 Datasheet HTML 2Page - STMicroelectronics STM6522 Datasheet HTML 3Page - STMicroelectronics STM6522 Datasheet HTML 4Page - STMicroelectronics STM6522 Datasheet HTML 5Page - STMicroelectronics STM6522 Datasheet HTML 6Page - STMicroelectronics STM6522 Datasheet HTML 7Page - STMicroelectronics STM6522 Datasheet HTML 8Page - STMicroelectronics STM6522 Datasheet HTML 9Page - STMicroelectronics STM6522 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Description
STM6522
6/25
Doc ID 17045 Rev 2
Figure 2.
Pin connections
Figure 3.
Block diagram
Table 1.
Signal names
Symbol
Input/
output
Description
RST1
Output
Open-drain reset output, active-low, no internal pull-up resistor.
RST2
Output
Open-drain reset output, active-low, no internal pull-up resistor.
SR0
Input
Primary push-button Smart Reset™ input, active-low, fixed voltage input logic
levels, no internal pull-up.
SR1
Input
Secondary push-button Smart Reset™ input - combines with the primary push-
button reset to provide setup delay time, active-low, fixed voltage input logic
levels, no internal pull-up.
SRC
Input
Smart Reset™ input delay setup control: connect to an external capacitor to
adjust the delay setup time (tSRC).
VCC
Supply
Supply voltage input. Power supply for the device. A 0.1 µF decoupling ceramic
capacitor is recommended to be connected between VCC and VSS pins.
VSS
Supply
Supply ground.
NC
No connect (not bonded); should be connected to VSS.
AM04868v2
SRC
NC
1
2
3
STM6522
4
8
7
6
5
RST2
VSS
VCC
SR1
SR0
RST1
SR0
RST1
t
REC
generator
RST2
SR1
AM04869v2
t
SRC
generator
SRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com