Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6522 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM6522
Description  Dual push-button Smart Reset??with capacitor-adjustable setup delay
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6522 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM6522 Datasheet HTML 5Page - STMicroelectronics STM6522 Datasheet HTML 6Page - STMicroelectronics STM6522 Datasheet HTML 7Page - STMicroelectronics STM6522 Datasheet HTML 8Page - STMicroelectronics STM6522 Datasheet HTML 9Page - STMicroelectronics STM6522 Datasheet HTML 10Page - STMicroelectronics STM6522 Datasheet HTML 11Page - STMicroelectronics STM6522 Datasheet HTML 12Page - STMicroelectronics STM6522 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
STM6522
Pin descriptions
Doc ID 17045 Rev 2
9/25
2
Pin descriptions
2.1
Power supply (VCC)
This pin is used to provide the power to the device. A 0.1 µF decoupling ceramic capacitor is
recommended to be connected between VCC and VSS pins.
2.2
Ground (VSS)
This is the supply ground for the device.
2.3
Primary Smart Reset™ input (SR0)
The primary push-button Smart Reset™ input, active-low pin is connected to the push-
button switch. The input logic voltage levels are set to a fixed voltage level and have no
internal pull-up resistor.
2.4
Secondary Smart Reset™ input (SR1)
The secondary push-button Smart Reset™ input, active-low pin is connected to the second
push-button switch. The input logic voltage levels are set to a fixed voltage level and have no
internal pull-up resistor. Keeping both Smart Reset™ inputs SR0 and SR1 active for longer
than tSRC activates the reset output pulse.
Figure 7.
STM6522 timing
Reset is asserted “low” right after the Smart Reset™ setup delay (tSRC) has been met and
returns to high after the tREC period.
AM04873v2
SR0
SR1
tSRC
tREC
RST1,
RST2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com