Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6522 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM6522
Description  Dual push-button Smart Reset??with capacitor-adjustable setup delay
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6522 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM6522 Datasheet HTML 11Page - STMicroelectronics STM6522 Datasheet HTML 12Page - STMicroelectronics STM6522 Datasheet HTML 13Page - STMicroelectronics STM6522 Datasheet HTML 14Page - STMicroelectronics STM6522 Datasheet HTML 15Page - STMicroelectronics STM6522 Datasheet HTML 16Page - STMicroelectronics STM6522 Datasheet HTML 17Page - STMicroelectronics STM6522 Datasheet HTML 18Page - STMicroelectronics STM6522 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
STM6522
DC and AC parameters
Doc ID 17045 Rev 2
15/25
Table 5.
DC and AC characteristics
Symbol
Parameter
Test conditions(1)
Min.
Typ.(2)
Max.
Unit
VCC
Supply voltage range
1.65
5.5
V
ICC
Supply current
VCC = 5.0 V
2
3
µA
VCC = 3.0 V
1.5
µA
VOL
Reset output voltage low
(active-low reset asserted)
VCC ≥ 4.5 V, sinking 3.2 mA
0.3
V
VCC ≥ 3.3 V, sinking 2.5 mA
0.3
V
VCC ≥ 1.65 V, sinking 1 mA
0.3
V
tREC
Reset timeout delay, factory
programmed
140
210
280
ms
Smart Reset™ inputs
VIL
SR0, SR1 input voltage low
VSS – 0.3
0.3
V
VIH
SR0, SR1 input voltage high
0.85
5.5
V
ILI(SR)
Input leakage current,
SRx input
–1
+1
µA
Smart Reset™ delay
tSRC
(3)
Delayed Smart Reset™
setup time. Refer to Table 2.
TA = 25 °C
10 x CSRC
(µF)
12.5 x CSRC
(µF)
15 x CSRC
(µF)
s
1.
Valid for ambient operating temperature: TA = –40 to +85 °C; VCC = 1.65 to 5.5 V (except where noted).
2.
Typical value is at 25 °C and VCC = 3.3 V unless otherwise noted.
3.
Input glitch immunity is equal to tSRC (when both SR inputs are low, otherwise infinite).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com