Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6522 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM6522
Description  Dual push-button Smart Reset??with capacitor-adjustable setup delay
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6522 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM6522 Datasheet HTML 6Page - STMicroelectronics STM6522 Datasheet HTML 7Page - STMicroelectronics STM6522 Datasheet HTML 8Page - STMicroelectronics STM6522 Datasheet HTML 9Page - STMicroelectronics STM6522 Datasheet HTML 10Page - STMicroelectronics STM6522 Datasheet HTML 11Page - STMicroelectronics STM6522 Datasheet HTML 12Page - STMicroelectronics STM6522 Datasheet HTML 13Page - STMicroelectronics STM6522 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Pin descriptions
STM6522
10/25
Doc ID 17045 Rev 2
2.5
Adjustable delay of Smart Reset™ (SRC pin)
This pin controls the setup time before the push-button action is validated by the reset
output. It is connected to an external capacitor (CSRC), which is tied to ground to provide the
desired value of setup time (tSRC).
Selected calculated tSRC and CSRC examples are given in Table 2. Refer also to Table 5.
2.6
Reset output (RST1)
This output is active-low, open-drain with no internal pull-up resistor.
2.7
Reset output (RST2)
This output is active-low, open-drain with no internal pull-up resistor.
Table 2.
tSRC programmed by an ideal external capacitor
Calculated CSRC
value [µF]
Setup delay tSRC [s]
(1)(2)
1.
At 25 ° C. Example calculations based on an ideal capacitor. During application design and component
selection it should be considered that the current flowing into the external tSRC programming capacitor
(CSRC) is on the order of 100 nA, therefore a low-leakage capacitor (ceramic or film capacitor) should be
used and placed as close as possible to the SRC pin. Also an adequate low-leakage PCB environment
should be ensured to prevent tSRC accuracy from being affected. A recommended minimum value of CSRC
is 0.1 µF.
2.
In case of quickly repeated activations of tSRC counter, an interval of 10 ms min. is needed between the
activations to fully discharge CSRC, so that the next tSRC is as specified.
Closest common
CSRC value [µF]
Min.
Typ.
Max.
0.2
2
2.5
3.0
0.22
0.3
3
3.75
4.5
0.33
0.6
6
7.5
9
0.56
1
10
12.5
15
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com