Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6522 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM6522
Description  Dual push-button Smart Reset??with capacitor-adjustable setup delay
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6522 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM6522 Datasheet HTML 17Page - STMicroelectronics STM6522 Datasheet HTML 18Page - STMicroelectronics STM6522 Datasheet HTML 19Page - STMicroelectronics STM6522 Datasheet HTML 20Page - STMicroelectronics STM6522 Datasheet HTML 21Page - STMicroelectronics STM6522 Datasheet HTML 22Page - STMicroelectronics STM6522 Datasheet HTML 23Page - STMicroelectronics STM6522 Datasheet HTML 24Page - STMicroelectronics STM6522 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Part numbering
STM6522
22/25
Doc ID 17045 Rev 2
9
Part numbering
For device options currently available refer to Table 11. For other options, or for more information on any
aspect of this device, please contact the ST sales office nearest you.
Table 10.
Ordering information scheme
Example:
STM6522
A
A
A
A
DG
6
F
Device type
STM6522
VCC monitoring, power-on reset
A = no VCC monitoring, no power-on reset
Smart Reset™ setup delay (tSRC); presence of internal input
pull-up on all Smart Reset™ inputs (SRx)
A = user-programmed (external capacitor); no input pull-up
Output type
A = both RST1 and RST2 open-drain, no pull-up, active-low
Reset timeout period (tREC)
A = 140 ms min.
Package
DG = TDFN8 2 x 2 x 0.75 mm, 0.5 mm pitch
Temperature range
6 = –40 °C to +85 °C
Shipping method
F = ECOPACK® package, tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com