Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF2N02E Datasheet(PDF) 5 Page - ON Semiconductor

Part # MMDF2N02E
Description  Power MOSFET 2 Amps, 25 Volts N?묬hannel SO??, Dual
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF2N02E Datasheet(HTML) 5 Page - ON Semiconductor

  MMDF2N02E Datasheet HTML 1Page - ON Semiconductor MMDF2N02E Datasheet HTML 2Page - ON Semiconductor MMDF2N02E Datasheet HTML 3Page - ON Semiconductor MMDF2N02E Datasheet HTML 4Page - ON Semiconductor MMDF2N02E Datasheet HTML 5Page - ON Semiconductor MMDF2N02E Datasheet HTML 6Page - ON Semiconductor MMDF2N02E Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MMDF2N02E
http://onsemi.com
5
RG, GATE RESISTANCE (OHMS)
100
1
100
10
10
VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
1
2
3
7
4
0.5
0.7
0.9
1
1.1
0.8
0
TJ = 25°C
VGS = 0 V
VDD = 10 V
ID = 2 A
VGS = 10 V
TJ = 25°C
tf
td(off)
td(on)
tr
Figure 9. Resistive Switching Time Variation
versus Gate Resistance
Figure 10. Diode Forward Voltage
versus Current
1
0.6
5
6
t, TIME
Figure 11. Reverse Recovery Time (trr)
di/dt = 300 A/
ms
Standard Cell Density
High Cell Density
tb
trr
ta
trr
SAFE OPERATING AREA
The Forward Biased Safe Operating Area curves define
the maximum simultaneous drain−to−source voltage and
drain current that a transistor can handle safely when it is
forward biased. Curves are based upon maximum peak
junction temperature and a case temperature (TC) of 25
°C.
Peak repetitive pulsed power limits are determined by using
the thermal response data in conjunction with the procedures
discussed in AN569, “Transient Thermal Resistance −
General Data and Its Use.”
Switching between the off−state and the on−state may
traverse any load line provided neither rated peak current
(IDM) nor rated voltage (VDSS) is exceeded, and that the
transition time (tr, tf) does not exceed 10
ms. In addition the
total power averaged over a complete switching cycle must
not exceed (TJ(MAX) − TC)/(RqJC).
A power MOSFET designated E−FET can be safely used
in switching circuits with unclamped inductive loads. For
reliable operation, the stored energy from circuit inductance
dissipated in the transistor while in avalanche must be less
than the rated limit and must be adjusted for operating
conditions differing from those specified. Although industry
practice is to rate in terms of energy, avalanche energy
capability is not a constant. The energy rating decreases
non−linearly with an increase of peak current in avalanche
and peak junction temperature.
Although many E−FETs can withstand the stress of
drain−to−source avalanche at currents up to rated pulsed
current (IDM), the energy rating is specified at rated
continuous current (ID), in accordance with industry
custom. The energy rating must be derated for temperature
as shown in the accompanying graph (Figure 13). Maximum
energy at currents below rated continuous ID can safely be
assumed to equal the values indicated.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com